Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ZLED7000
Description  40V LED Driver with Internal Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ZLED7000 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ZLED7000
40V LED Driver with Internal Switch
© 2010 Zentrum Mikroelektronik Dresden AG — Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner.
The information furnished in this publication is subject to changes without notice.
Brief Description
The ZLED7000, one of our ZLED Family of LED control
ICs, is an inductive step-down converter that is optimal
for driving a single LED or multiple LEDs (connected in
series) from a voltage source greater than the voltage
rating of the LED. The ZLED7000 operates in continu-
ous mode. Capable of operating efficiently with voltage
supplies ranging from 6 VDC to 40 VDC, it is ideal for
low-voltage
lighting
applications.
The
ZLED7000
minimizes current consumption by remaining in a low-
current standby mode (output is off) until a voltage of
≥0.3V is applied to the ADJ pin.
In operating mode, the ZLED7000 can source LEDs with
an output current of ≤ 750mA (≤ 30 watts of output
power) that is externally adjustable.* The ZLED7000’s
integrated output switch and high-side current sensing
circuit use an external resistor to adjust the average
output current. Linearity is achieved via an external
control signal at the ZLED7000’s ADJ pin, implemented
either as a pulse-width modulation (PWM) waveform for
a gated output current or a DC voltage for a continuous
current.
ZLED7000 Application Circuit
VIN
ADJ
GND
ISENSE
LX
ZLED7000
VS
n LED
L1
C1
1μF
RS
D1
47μH
6 to 40 VDC
54
1
2
3
* See section 2.3 for details
Features
 Capable of up to 95% efficiency*
 Operates in continuous mode with a wide input
range from 6 VDC to 40 VDC
 Integrated 40V power switch
 One pin on/off or brightness control via PWM or DC
voltage control signal input
 Switching frequency: ≤ 1MHz
 Dimming rate: 1200:1 (typical)
 Output current accuracy: 5% (typical)
 Built-in thermal shutdown and open-circuit protection
for LED
 Very few external components needed for operation
 Broad range of applications: outputs up to ≤750mA
 SOT89-5 package
Application Examples
 Illuminated LED signs and other displays
 LED traffic and street lighting (low-voltage)
 Architectural LED lighting, including low-voltage
applications for buildings
 Halogen replacement LEDs (low-voltage)
 LED backlighting
 General purpose exterior and interior LED lighting,
including applications requiring low-voltage
 General purpose low-voltage industrial applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com