Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7010 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ZLED7010
Description  40V LED Driver with Temperature Compensation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7010 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ZLED7010 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ZLED7010
40V LED Driver with Temperature Compensation
Data Sheet
August 12, 2010
© 2010 Zentrum Mikroelektronik Dresden AG — Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the
prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to changes
without notice.
13 of 23
3
Application Circuit Design
3.1.
External Component – Inductor L1
Select the inductor value for L1 as needed to ensure that switch on/off times are optimized across the load
current and supply voltage ranges. Select a coil that has a continuous current rating above the required
average output current to the LEDs and a saturation current exceeding the peak output current.
Recommendation: Use inductors in the range of 15μH to 220μH with saturation current greater than 1A for
700mA output current or saturation current greater than 500mA for 350mA output current. For higher supply
voltages with low output current, select higher values of inductance, which result in a smaller change in output
current across the supply voltage range (refer to the graphs in section 1.4). See section 8.8 for layout
restrictions.
Equations (3) and (4) illustrate calculating the timing for LX switching for the example application circuit shown
on page 2. As given in section 1.3, the minimum period for TON is 200ns; the minimum period for TOFF is also
200ns
.
LX Switch OFF Time (TOFF in s)

LX
L
S
AVG
LED
IN
ON
R
r
R
I
V
V
I
L
T
Where
L
Coil inductance in H
∆I
Coil peak-peak ripple current in A *
VLED
Total LED forward voltage in V
VD
Diode forward voltage at the
required load current in V
IAVG
Required average LED current in A
RS
External current sense resistance in Ω
rL
Coil resistance in Ω
VIN
Supply voltage in V
RLX
Switch resistance in Ω

L
S
AVG
D
LED
OFF
r
R
I
V
V
I
L
T
(3)
LX Switch ON Time (TON in s)
(4)
* With the ZLED7010, the current ripple ∆I is internally set to an appropriate value of 0.3 * IAVG.
The inductance value has an equivalent effect on Ton and Toff and therefore affects the switching frequency.
For the same reason the inductance has no influence on the duty cycle for which the relation of the summed
LED forward voltages n VF to the input voltage VIN is a reasonable approximation. Because the input voltage
is a factor in the ON time, variations in the input voltage affect the switching frequency and duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com