Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7010 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ZLED7010
Description  40V LED Driver with Temperature Compensation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7010 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ZLED7010 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ZLED7010
40V LED Driver with Temperature Compensation
Data Sheet
August 12, 2010
© 2010 Zentrum Mikroelektronik Dresden AG — Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the
prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to changes
without notice.
7 of 23
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.3.8
DC voltage on ADJI pin to
switch chip from active
(ON) state to quiescent
(OFF) state
VADJIoff
VADJI falling
0.15
0.2
0.25
V
1.3.9
DC voltage on ADJI pin to
switch chip from quiescent
(OFF) state to active (ON)
state
VADJIon
VADJI rising
0.2
0.25
0.3
V
1.3.10
RTH and RNTC pin offset
voltage
VOS
10
mV
1.3.11
Continuous LX switch
current
ILXmean
0.65
0.75
A
1.3.12
LX switch leakage current
ILX(leak)
1
μA
1.3.13
ADJO terminal voltage
VADJO
No temperature compen-
sation, ADJI pin floating
IADJO=30μA
1.20
V
1.3.14
LX Switch ON resistance
RLX
0.9
1.5
Ω
1.3.15
Continuous LX switch
current
ILXmean
0.65
A
1.3.16
Resistance between ADJI
pin and VREF
RADJI
500
kΩ
1.3.17
Brightness control range at
low frequency PWM signal
DPWM(LF)
PWM frequency =100Hz
PWM amplitude=5V,
Vin=15V, L=27μH, driving
1 LED
1200:1
1.3.18
Brightness control range at
high frequency PWM signal
DPWM(HF)
PWM frequency =10kHz
PWM amplitude=5V,
Vin=15V, L=27μH, driving
1 LED
13:1
1.3.19
Operating frequency
fLX
ADJI pin floating L=100μH
(0.82Ω) IOUT=350mA @
VLED=3.4V, driving 1 LED
154
kHz
1.3.20
Minimum switch ON time
TONmin
LX switch ON
200
ns
1.3.21
Minimum switch OFF time
TOFFmin
LX switch OFF
200
ns
1.3.22
Recommended maximum
operating frequency
fLXmax
1
MHz
1.3.23
Recommended duty cycle
range of output switch at
fLXmax
DLX
0.2
0.8
1.3.24
Internal comparator
propagation delay
TPD
50
ns
1.3.25
Thermal shutdown
temperature
TSD
140
°C
1.2.26
Thermal shutdown
hysteresis
TSD-HYS
20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com