Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7010 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # ZLED7010
Description  40V LED Driver with Temperature Compensation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7010 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button ZLED7010 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 20Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 21Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 22Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ZLED7010
40V LED Driver with Temperature Compensation
Data Sheet
August 12, 2010
© 2010 Zentrum Mikroelektronik Dresden AG — Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the
prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to changes
without notice.
19 of 23
5
Chaining Multiple ZLED7010 ICs
Figure 5.1 shows a typical circuit for chaining multiple ZLED7010s using the ADJI and ADJO pins and a
temperature sensing network of R2, R4, and R3, which is an NTC component. Note that only one temperature
sensing network is needed.
When R3+R4 > R2, VADJO = VADJI.
When R3+R4 < R2, the ADJO pin outputs the ADJI input voltage with temperature compensation information.
Figure 5.1
ZLED7010 Chain Connections
RNTC
RTH
ADJI
ADJO
GND
ZLED7010
R2
R3
NTC
100pF
100pF
100pF
100pF
RNTC
RTH
ADJI
ADJO
GND
ZLED7010
R4
In Figure 5.2, note that each ZLED7010 can drive up to three slave ICs in the next stage. Using more than
three stages to maintain current coherence is not recommended. Up to thirteen ZLED7010 can be connected
in one system.
Figure 5.2
ZLED7010 System Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com