Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7010 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ZLED7010
Description  40V LED Driver with Temperature Compensation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7010 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ZLED7010 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ZLED7010
40V LED Driver with Temperature Compensation
© 2010 Zentrum Mikroelektronik Dresden AG — Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner.
The information furnished in this publication is subject to changes without notice.
Brief Description
The ZLED7010, one of our ZLED Family of LED control
ICs, is an inductive step-down converter that is optimal
for driving a single LED or multiple LEDs (connected in
series) from a voltage source greater than the voltage
rating of the LED. The ZLED7010 operates in continu-
ous mode. Capable of operating efficiently with voltage
supplies ranging from 6 VDC to 40 VDC, it is ideal for
low-voltage lighting applications. The ZLED7010 mini-
mizes current consumption by remaining in a low-current
standby mode (output is off) until a voltage of ≥0.3V is
applied to the ADJI pin.
In operating mode, the ZLED7010 can source LEDs with
an output current of ≤ 750mA (≤ 30 watts of output
power*) that is externally adjustable. The ZLED7010’s
integrated output switch and high-side current sensing
circuit use an external resistor to adjust the average out-
put current. LED control is achieved via an external con-
trol signal at the ZLED7010’s ADJI pin, implemented as
a pulse-width modulation (PWM) waveform for a gated
output current or a DC voltage for continuous current.
The ZLED7010 provides a temperature compen-
sation function for maintaining stable and reliable
LED operation. LED over-temperature conditions
are detected via a negative temperature coefficient
(NTC) thermistor mounted close to the LEDs. If an
over-temperature condition occurs, the NTC value
reaches the value of a threshold resistor and the
IC reduces LED current automatically. After the
circuit recovers to a safe temperature, current
returns to the set value.
ADJO outputs and ADJI inputs of consecutive ICs
can be interconnected as a driver chain deploying
the temperature compensation information of the
predecessor. This reduces the part count because
only the first stage of the series requires an NTC.
RNTC
VIN
RTH
ADJI
ADJO
GND
ISENSE
LX
ZLED7010
VS
n LED
L1
R3
NTC
C1
1μF
C2
100nF
R2
50kΩ
RS
D1
47μH
6 to 40 VDC
12
8
5
7
6
3
4
* See section 2.3 for details
Features
 Capable of 95% efficiency*
 Operates in continuous mode with a wide input
range from 6 VDC to 40 VDC
 Integrated 40V power switch
 One-pin on/off or brightness control via DC voltage
or PWM control signal
 Switching frequency: ≤ 1MHz
 Dimming rate: 1200:1 (typical)
 Output current accuracy: 5% (typical)
 Built-in temperature compensation and open-circuit
protection for LEDs
 Thermal shutdown protection for the ZLED7010
 Very few external components needed for operation
 Broad range of applications: outputs up to ≤750mA
 SOP-8 package
Application Examples
 Illuminated LED signs and other displays
 LED traffic and street lighting (low-voltage)
 Architectural LED lighting, including low-voltage
applications for buildings
 Halogen replacement LEDs (low-voltage)
 LED flood-lighting
 LED backlighting
 General purpose exterior and interior LED lighting,
including applications requiring low-voltage
 General purpose low-voltage industrial applications
ZLED7010 Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com