Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7010 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # ZLED7010
Description  40V LED Driver with Temperature Compensation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7010 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button ZLED7010 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 20Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ZLED7010
40V LED Driver with Temperature Compensation
Data Sheet
August 12, 2010
© 2010 Zentrum Mikroelektronik Dresden AG — Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the
prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to changes
without notice.
17 of 23
The IOUT current with temperature compensation can be calculated with the following equations:
For 0.3V ≤ VADJI ≤ 1.2V:
2
R
4
R
3
R
R
V
V
079
.
0
I
S
ADJI
DC
_
OUT
(8)
For VADJI > 1.2V:
2
R
4
R
3
R
R
V
095
.
0
I
S
DC
_
OUT
(9)
R3 and R4 determine the slope of temperature compensation. If R4 is just 0Ω, the slope is solely driven by the
NTC component’s characteristic β-constant. Larger values of R4 will decrease the slope.
When dimensioning R2, consider that larger values will make the RTH pin more noise sensitive and lower
values will increase power consumption therefore values from 1k to 100k are recommended. For a selected
temperature compensation threshold, larger R3 and R4 require larger R2 to match and vice versa.
Also see section 5 regarding driver chains and temperature compensation.
Figure 4.2 shows some examples of current-temperature curves resulting from different dimensioning of the
three resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com