Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2111 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # ZIOL2111
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2111 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button ZIOL2111 Datasheet HTML 26Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 27Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 28Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 29Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 30Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 31Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 32Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 33Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
30 of 90
The currently applied configuration data of the IC is stored in the configuration-register area which is implemented
as a register file. The configuration-register area can be uploaded via SPI command into an on-chip EEPROM for
non-volatile storage. While power-on-reset or also via SPI command the EEPROM content will be downloaded to
the configuration-register area.
Besides data for IC configuration the IC has certain status registers that can be used to monitor the internal status
of the IC. The status registers reflect the IC status as regards the occurrence of different driver channel overload
situations and their duration. Moreover, four alert phases (green, yellow, orange and red) indicate the die
temperature of the IC and in this combination the die temperature margin prior a thermal shut down of certain IC
building blocks. In principle, status registers are read-only registers. Some status registers are reset by reading
the register’s value. Furthermore, a write access to some status registers will cause certain control actions (for
more information refer to Table 3.7).
The read/write access to the Ics memory unit is provided by an SPI interface (refer to chapter 3.3.8). In order to
access a certain register or range of consecutive registers (block access) an 8-bit-address has to be applied
which consists of segment address (2bits) and register address (6 bits) as illustrated in Figure 3.9.
Figure 3.9 Memory Unit
Status
Register
Segment 0
Segment 1
Register File
EEPROM
Address
Config-
Register
0
15
16
Non-volatile
configuration
data
26
reserved
Segment 2 and 3 must not be used
Upload
Download
Memory block boundaries
which cannot be exceeded
while bock accesses
EE
Memory control
Valid-flag
31
In case of a collapsing supply voltage while writing data into the EEPROM, the EEPROM data shall be suspected
to be corrupt. There is an additional build-in security feature to indicate this situation and to avoid that corrupt
EEPROM data is used for the IC configuration. In this combination a non-volatile flag (one bit EEPROM) is used
to indicate possibly not valid (corrupt) EEPROM data. This flag which is called valid-flag is set if the data are valid
or is cleared if the data are suspected to be corrupt. As shown in Figure 3.14 corrupt EEPROM data or any other
EEPROM problems can cause an internal exception.
The above mentioned feature is using the following procedure while performing an EEPROM write access:
1. Clearing the valid-flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com