Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2111 Datasheet(PDF) 69 Page - List of Unclassifed Manufacturers

Part # ZIOL2111
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2111 Datasheet(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button ZIOL2111 Datasheet HTML 65Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 66Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 67Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 68Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 69Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 70Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 71Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 72Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
69 of 90
Pin
Name
1)
Description
Remarks
Usage
1) /
Connection
3)
Application Circuit Restrictions
and/or Remarks
2
AUX _TX
TX: Data input
Digital IN
Required or
open/-
Pin tolerates 5V logic signals
3
AUX _RX
RX: Data output
Digital OUT Required or
open/-
18
AUX_O
AUX driver OUT
HV
4) OUT
Required or
open/-
19
AUX _I
AUX driver IN
HV
4) IN
Required or
open/-
23
DC_RDY
DC/DC ready signal
Digital OUT Required or
open/-
21
SW
DC/DC switch OUT
HV OUT
Required or
open/-
22
FB
DC/DC feed back
Analog IN
Required / either
interconnected
voltage divider or
to LR_OUT
In operation mode of the DC/DC
converter the voltage divider shall
provide 1.225V at the FB pin.
Interconnecting FB to LR_OUT
will disable the DC/DC converter.
16
LR_IN
Linear regulator Input
Voltage (HV
4))
Supply IN
HV
Required/-
10
LR_OUT
Linear regulator Output
Voltage (LV
5))
Supply
OUT LV
Required/ Block
Cap to VSS
1) Names of low active digital I/O pins end with “_L”
2) Usage: If “Required” is specified, an electrical connection is necessary – refer to the application circuits
3) Connection: To be connected to this potential, if not used or no application/configuration related constraints are given
4) HV: High voltage – The primary supply voltage of the IC or the voltage swing of the cable signal, typically 24V (>8V, <36V)
5) LV: Low voltage – The supply voltage for the internal building blocks of the IC or control signals of the IC, typically 3.3V
5.2.
ESD-Protection
All pins have an ESD protection of >2000 V.
ESD protection referred to the Human Body Model (HBM) is tested with devices in QFN24 packages during
product qualification. The ESD test follows the Human Body Model with 1.5 kΩ/100 pF, based on MIL 883,
Method 3015.7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com