Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2111 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ZIOL2111
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2111 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ZIOL2111 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
7 of 90
2
Electrical Characteristics
2.1.
Absolute Maximum Ratings
Parameters apply in operation temperature range and without time limitations.
Table 2.1
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Conditions
VDD_HV
Supply voltage
-0.3
40
V
VHV
Voltage at HV pins
-0.3
VDD_HV+0.3
V
VLV
Voltage at LV pins
-0.3
VDD_LV+0.3
V
2)
Vimp
Impulse voltage withstand
60
V
according to IEC 60947-5-2
VESD
Abs. ESD test voltage
2k
V
according to HBM
Ts
Junction temperature
125
°C
1)
Ta
Storage temperature
-50
150
°C
Ptot
Average total power dissipation
2.6
W
integration period < 10ms
3)
1) Average die-temperature.
2) Exceptions are the digital input pins (µC
interface) which tolerate 5V logic signals (refer
to Table 5.1).
3) The allowed total power dissipation depends
on the in the PCB design achieved thermal
resistance Rth (package/ambient) and the
ambient operation temperature as shown in
Figure 2.1. In order to obtain optimal heat
distribution (Rth < 35K/W) certain PCB layout
rules shall be applied. Those rules are
described in the application note for the used
QFN package (refer to chapter 8, [4]).
Figure 2.1 Max. Total Power Dissipation
0
0,5
1
1,5
2
2,5
3
-40
-20
0
2040
6080
Tamb/°C
Rth = 45K/W
Rth = 35K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com