Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2111 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # ZIOL2111
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2111 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button ZIOL2111 Datasheet HTML 45Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 46Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 47Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 48Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 49Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 50Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 51Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 52Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
49 of 90
Figure 3.15 COM Channel Lock Control
19
COM_OVL_LS_EN
COM_OVL_HS_EN
COM_LS_LOCK_EN
COM_HS_LOCK_EN
COM_LOCK_TIME_RST
COM_OVL_TBASE
reseved
0
7
bit
reset
0
6
5
4
3
2
1
0
0
0
0
0
0
0
r / w
COM_ASSERT_TIME
0
7
bit
reset
1
6
5
4
3
2
1
1
1
1
1
0
1
0
r / w
MOM_COM_HS_PEAK
0
7
bit
reset
0
6
5
4
3
2
1
0
0
0
0
0
0
0
r / rst
MOM_COM_LS_PEAK
0
7
bit
reset
0
6
5
4
3
2
1
0
0
0
0
0
0
0
r / rst
Low side
stage
COM_LS
(8bit)
Comparator
8
Peak values
8
High side
stage
COM_HS
(8bit)
8
AND
count
COM_HS_OVL
AND
count
COM_LS_OVL
Counter == Assert_time
Counter == Assert_time
AND
AND
OR
8
Comparator
Lock counter
COM_LOCK_TIME
0
7
bit
reset
1
6
5
4
3
2
1
1
1
1
1
0
1
0
r / w
AUX-Channel
8
set
clear
AND
8
Peak values
To register IRQ_STATUS
Enables time based lock reset
[6:5]
0b00: 200 ns
0b01:
1 ms
0b10:
8 ms
0b11: 16 ms
2
rst
1
1
2
:
if input signal
==1
:
if input signal
== 0
- no overrun
- no underrun
Counter reset with
- write access to
MON_RST_COUNTER [17]
Data = 0bxxxxx1xx
- 0à1 transition of
COM_OVL_HS_EN
Counter reset with
- write access to
MON_RST_COUNTER [17]
Data = 0bxxxxxx1x
- 0à1 transition of
COM_OVL_LS_EN
From COM_LS overload
detector
From COM_HS overload
detector
SPI
rst
2
SPI
Driver OFF
19 The COM transmitter is only available inside the products ZIOL24xx/22xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com