Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2111 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ZIOL2111
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2111 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ZIOL2111 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
4 of 90
List of Figures
Figure 2.1
Max. Total Power Dissipation ................................................................................................................7
Figure 2.2
Efficiency of the DC/DC converter for VOUT=5V, C=10µF and L=10µH ............................................14
Figure 3.1
Functional Block Diagram of the ZIOL2xxx .........................................................................................15
Figure 3.2
ZIOL24xx Transceiver Data Path in Principle......................................................................................16
Figure 3.3
ZIOL22xx Transceiver Data Path in Principle......................................................................................17
Figure 3.4
ZIOL21xx Transceiver Data Path in Principle......................................................................................18
Figure 3.5
ZIOL24xx in Device and Master Mode Application..............................................................................21
Figure 3.6
Typical IO-Link Device Configuration with HS driver only ...................................................................24
Figure 3.7
Wake-Up Signal Recognition...............................................................................................................26
Figure 3.8
The Basic Scheme of the IC Self Protection .......................................................................................28
Figure 3.9
Memory Unit.........................................................................................................................................30
Figure 3.10 General timing of a byte transfer .........................................................................................................32
Figure 3.11 Structure of SPI accesses ...................................................................................................................33
Figure 3.12 SPI Command Structure......................................................................................................................34
Figure 3.13 SPI Timing ...........................................................................................................................................36
Figure 3.14 Interrupt (INT_L pin) and Wake-up (WURQ_L pin) Signaling .............................................................47
Figure 3.15 COM Channel Lock Control.................................................................................................................49
Figure 3.16 AUX Channel Lock Control..................................................................................................................50
Figure 3.17 Over-Temperature Lock Control ..........................................................................................................51
Figure 3.18 Internal IC Sensors and related Overload and Over-Temperature Detection Circuits ........................53
Figure 3.19 Low Voltage Supply Concept...............................................................................................................55
Figure 3.20 PFD Working Principle.........................................................................................................................56
Figure 3.21 DC/DC Converter in Principle ..............................................................................................................58
Figure 3.22 DC/DC Converter Output Voltage as Function of R1 (R2 = 10kOhms) ..............................................60
Figure 3.23 High frequency critical loops of DC/DC converter for PCB layout.......................................................61
Figure 3.24 PCB layout of Evaluation board as an example ..................................................................................62
Figure 4.1
Simplified Application Circuit with the ZIOL2xxx in Device Mode .......................................................63
Figure 4.2
Simplified Application Circuit with the ZIOL2xxx in Master Mode .......................................................64
Figure 4.3
Power Line Fail Detection....................................................................................................................65
Figure 4.4
PCB Layout Recommendations...........................................................................................................66
Figure 6.1
Pin Diagram of the ZIOL2xxx...............................................................................................................71
Figure 6.2
Package Dimensions ...........................................................................................................................72
Figure 6.3
Top Marking of the ZIOL2xxx ..............................................................................................................73
Figure 9.1
Register Representation in Principle (Example)..................................................................................77
Figure 10.1 Peak Register Access Scenarios.........................................................................................................81
Figure 10.2 Overload Counter Behavior in permanent Over-Current Situations ....................................................82
Figure 10.3 Overload Counter Behavior in permanent Over-Temperature Situations ...........................................83
Figure 10.4 Overload Counter Behavior in typical Over-Temperature Situations ..................................................84
Figure 10.5 Partial Reset of Overload Counter or the entire Lock circuit ...............................................................85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com