Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54C164245 Datasheet(PDF) 6 Page - STMicroelectronics

Part # 54C164245
Description  Rad-hard 16-bit transceiver 3.3 V to 5 V bidirectional level shifter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54C164245 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button 54C164245 Datasheet HTML 2Page - STMicroelectronics 54C164245 Datasheet HTML 3Page - STMicroelectronics 54C164245 Datasheet HTML 4Page - STMicroelectronics 54C164245 Datasheet HTML 5Page - STMicroelectronics 54C164245 Datasheet HTML 6Page - STMicroelectronics 54C164245 Datasheet HTML 7Page - STMicroelectronics 54C164245 Datasheet HTML 8Page - STMicroelectronics 54C164245 Datasheet HTML 9Page - STMicroelectronics 54C164245 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Absolute maximum ratings and operating conditions
54AC164245
6/23
DocID18093 Rev 4
2
Absolute maximum ratings and operating conditions
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Stresses above the absolute maximum rating may cause permanent damage to the device.
Extended operation at the maximum levels may degrade performance and affect reliability.
Unless otherwise noted, all voltages are referenced to VSS.
The limits for the parameters specified in Table 4 apply over the full specified VDD range and
case temperature range of -55°C to +125°C.
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD1
5 V supply voltage(1)
1.
VDD1 (5 V) may remain disconnected.
-0.3 to +6.0
V
VDD2
3 V supply voltage
VIA
DC input voltage range port A
-0.3 to VDD1+0.3 V
VIB
DC input voltage range port B
VOA
DC output voltage range port A
VOB
DC output voltage range port B
IIA
DC input currents port A, anyone input
± 10
mA
IIB
DC input currents port B, anyone input
Tstg
Storage temperature range
-65 to +150
°C
TL
Lead temperature (10 s)
300
TJ
Junction temperature range
175
Rthja
Thermal resistance junction to ambient(2)
Flat package, 48 pins
2. Short-circuits can cause excessive heating and destructive dissipation. Values are typical.
TBD
°C/W
Rthjc
Thermal resistance junction to case(2)
Flat package, 48 pins
ESD
HBM: human body model(3)
3. Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
2kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com