Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54C164245 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 54C164245
Description  Rad-hard 16-bit transceiver 3.3 V to 5 V bidirectional level shifter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54C164245 Datasheet(HTML) 5 Page - STMicroelectronics

  54C164245 Datasheet HTML 1Page - STMicroelectronics 54C164245 Datasheet HTML 2Page - STMicroelectronics 54C164245 Datasheet HTML 3Page - STMicroelectronics 54C164245 Datasheet HTML 4Page - STMicroelectronics 54C164245 Datasheet HTML 5Page - STMicroelectronics 54C164245 Datasheet HTML 6Page - STMicroelectronics 54C164245 Datasheet HTML 7Page - STMicroelectronics 54C164245 Datasheet HTML 8Page - STMicroelectronics 54C164245 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
DocID18093 Rev 4
5/23
54AC164245
Functional description
23
Table 3. Pin descriptions
Pin number
Symbol
Name and function
1
DIR1
Direction control inputs
2, 3, 5, 6, 8, 9, 11, 12
1B1 to 1B8
Side B inputs or 3-state outputs (5 V port)
4,10, 15, 21, 28, 34, 39, 45
VSS
Reference voltage to ground
7, 18
VDD1
Supply voltage (5 V)
13, 14, 16, 17, 19, 20, 22, 23
2B1 to 2B8
Side B inputs or 3-state outputs (5 V port)
24
DIR2
Direction control inputs
25
nG2
Output enable inputs (active low)
31, 42
VDD2
Supply voltage (3.3 V)
47, 46, 44, 43, 41, 40, 38, 37
1A1 to 1A8
Side A inputs or 3-state outputs (3.3 V port)
36, 35, 33, 32, 30, 29, 27, 26
2A1 to 2A8
Side A inputs or 3-state outputs (3.3 V port)
48
nG1
Output enable inputs (active low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com