Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54C164245 Datasheet(PDF) 13 Page - STMicroelectronics

Part # 54C164245
Description  Rad-hard 16-bit transceiver 3.3 V to 5 V bidirectional level shifter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54C164245 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button 54C164245 Datasheet HTML 9Page - STMicroelectronics 54C164245 Datasheet HTML 10Page - STMicroelectronics 54C164245 Datasheet HTML 11Page - STMicroelectronics 54C164245 Datasheet HTML 12Page - STMicroelectronics 54C164245 Datasheet HTML 13Page - STMicroelectronics 54C164245 Datasheet HTML 14Page - STMicroelectronics 54C164245 Datasheet HTML 15Page - STMicroelectronics 54C164245 Datasheet HTML 16Page - STMicroelectronics 54C164245 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
DocID18093 Rev 4
13/23
54AC164245
Electrical characteristics
23
In Table 7, data are guaranteed by design but not tested.
Table 7. AC electrical characteristics
Symbol
Parameter
Port voltage
Test condition (VDD)
Limits
Unit
Min. Max.
tPLH
Propagation delay time, data
to bus (active low) CL = 50 pF
Port A = 3.3 V
Port B = 5 V
VDD1 = 4.5 to 5.5 V
VDD2 =2.7 to 3.6 V
1.0
20
ns
Propagation delay time, data
to bus (active low) CL = 50 pF
Port A = Port B = 3.3 V
VDD1 = 2.7 to 3.6 V
VDD2 = 2.7 to 3.6 V
Port A = Port B = 5 V
VDD1=4.5 to 5.5 V
VDD2=4.5 to 5.5 V
15
tPHL
Propagation delay time, data
to bus (active high) CL = 50 pF
Port A = 3.3V
Port B = 5 V
VDD1 = 4.5 to 5.5 V
VDD2 = 2.7 to 3.6 V
20
Propagation delay time, data
to bus (active high) CL = 50 pF
Port A = Port B = 3.3 V
VDD1 = 2.7 to 3.6 V
VDD2 = 2.7 to 3.6 V
Port A = Port B = 5 V
VDD1 = 4.5 to 5.5 V
VDD2 = 4.5 to 5.5 V
15
tPZL
Propagation delay time,
output enable, OEn to bus
(active low), CL = 50 pF
Port A = 3.3 V
Port B = 5V
VDD1 = 4.5 to 5.5 V
VDD2 = 2.7 to 3.6 V
18
Propagation delay time,
output enable, OEn to bus
(active low), CL = 50 pF
Port A = Port B = 3.3 V
VDD1 = 2.7 to 3.6 V
VDD2 = 2.7 to 3.6 V
18
Port A = Port B = 5 V
VDD1 = 4.5 to 5.5 V
VDD2 = 4.5 to 5.5 V
12
tPZH
Propagation delay time,
output enable, OEn to bus
(active high), CL = 50 pF
Port A = 3.3 V
Port B = 5 V
VDD1 = 4.5 to 5.5 V
VDD2 = 2.7 to 3.6 V
18
Propagation delay time,
output enable, OEn to bus
(active high), CL = 50 pF
Port A = Port B = 3.3 V
VDD1 = 2.7 to 3.6 V
VDD2 = 2.7 to 3.6 V
Port A = Port B = 5 V
VDD1 = 4.5 to 5.5V
VDD2 = 4.5 to 5.5V
12
tPLZ
Propagation delay time,
output disable, OEn to bus
(low impedance), CL = 50 pF
Port A = 3.3 V
Port B = 5 V
VDD1 = 4.5 to 5.5 V
VDD2 = 2.7 to 3.6 V
20
Propagation delay time,
output disable, OEn to bus
(low impedance), CL= 50 pF
Port A = Port B = 3.3 V
VDD1 = 2.7 to 3.6 V
VDD2 = 2.7 to 3.6 V
Port A = Port B = 5 V
VDD1 = 4.5 to 5.5 V
VDD2 = 4.5 to 5.5 V
15
tPHZ
Propagation delay time,
output disable, OEn to bus
(high impedance), CL = 50 pF
Port A = 3.3 V
Port B = 5 V
VDD1 = 4.5 to 5.5 V
VDD2 = 2.7 to 3.3 V
18
Propagation delay time,
output disable, OEn to bus
(high impedance), CL= 50 pF
Port A = Port B = 3.3 V
VDD1 = 2.7 to 3.3 V
VDD2 = 2.7 to 3.3 V
Port A = Port B = 5 V
VDD1 = 4.5 to 5.5 V
VDD2 = 4.5 to 5.5 V
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com