Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54C164245 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 54C164245
Description  Rad-hard 16-bit transceiver 3.3 V to 5 V bidirectional level shifter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54C164245 Datasheet(HTML) 4 Page - STMicroelectronics

  54C164245 Datasheet HTML 1Page - STMicroelectronics 54C164245 Datasheet HTML 2Page - STMicroelectronics 54C164245 Datasheet HTML 3Page - STMicroelectronics 54C164245 Datasheet HTML 4Page - STMicroelectronics 54C164245 Datasheet HTML 5Page - STMicroelectronics 54C164245 Datasheet HTML 6Page - STMicroelectronics 54C164245 Datasheet HTML 7Page - STMicroelectronics 54C164245 Datasheet HTML 8Page - STMicroelectronics 54C164245 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Functional description
54AC164245
4/23
DocID18093 Rev 4
1.1
Cold spare
The 54AC164245 features a cold spare input and output buffer. In high reliability
applications, cold sparing enables a redundant device to be tied to the data bus with its
power supply at 0 V (VDD = VSS, VDD - VSS = 0 V) without affecting the bus signals or
injecting current from the I/Os to the power supplies. Cold sparing also allows redundant
devices to be kept unpowered so that they can be switched on only when required. Power
consumption is therefore reduced by switching off the redundant circuit. This has no impact
on the application. Cold sparing is achieved by implementing a high impedance between
I/Os and VDD. The ESD protection is ensured through a non-conventional dedicated
structure.
1.2
Power-up
During power-up, all outputs are forced to high impedance. The high-impedance state is
maintained approximately until VDD is high, thus avoiding any transient and erroneous
signals during power-up.
1.3
Pin connections
Figure 2. Pin connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com