Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54C164245 Datasheet(PDF) 22 Page - STMicroelectronics

Part # 54C164245
Description  Rad-hard 16-bit transceiver 3.3 V to 5 V bidirectional level shifter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54C164245 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button 54C164245 Datasheet HTML 15Page - STMicroelectronics 54C164245 Datasheet HTML 16Page - STMicroelectronics 54C164245 Datasheet HTML 17Page - STMicroelectronics 54C164245 Datasheet HTML 18Page - STMicroelectronics 54C164245 Datasheet HTML 19Page - STMicroelectronics 54C164245 Datasheet HTML 20Page - STMicroelectronics 54C164245 Datasheet HTML 21Page - STMicroelectronics 54C164245 Datasheet HTML 22Page - STMicroelectronics 54C164245 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Revision history
54AC164245
22/23
DocID18093 Rev 4
8.2
Documentation
9
Revision history
Table 11. Documentation provided for ESCC flight
Quality level
Documentation
Engineering model
-
QML-V flight
Certificate of conformance
QCI(1) (groups A, B, C, D, and E)
Screening electrical data
Precap report
PIND(2) test
SEM(3) inspection report
X-Ray report
1. QCI = quality conformance inspection
2. PIND = particle impact noise detection
3. SEM = scanning electron microscope
Table 12. Document revision history
Date
Revision
Changes
23-Sep-2011
1
Initial release.
06-Apr-2012
2
Added Pin 4 description to Table 3: Pin descriptions.
29-Aug-2013
3
Minor changes to layout
Features: Removed “Bus hold”
Table 1: Device summary: updated order codes, quality level,
and EPPL data.
Table 10: Order codes: updated order codes and description
data.
Added Section 8: Other information
28-Apr-2014
4
Table 11: Documentation provided for ESCC flight: removed
documentation for engineering model (there is none).
Updated disclaimer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com