Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5192 Datasheet(PDF) 5 Page - NEC

Part # 2SC5192
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5192 Datasheet(HTML) 5 Page - NEC

  2SC5192 Datasheet HTML 1Page - NEC 2SC5192 Datasheet HTML 2Page - NEC 2SC5192 Datasheet HTML 3Page - NEC 2SC5192 Datasheet HTML 4Page - NEC 2SC5192 Datasheet HTML 5Page - NEC 2SC5192 Datasheet HTML 6Page - NEC 2SC5192 Datasheet HTML 7Page - NEC 2SC5192 Datasheet HTML 8Page - NEC 2SC5192 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2SC5192
5
S-PARAMETERS
VCE = 1 V, IC = 1 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.963
–17.1
3.502
166.5
0.048
79.4
0.983
–8.7
200.00
0.934
–34.1
3.413
154.0
0.087
69.6
0.957
–17.1
300.00
0.890
–49.7
3.238
142.6
0.130
60.0
0.906
–25.2
400.00
0.850
–65.3
3.026
131.1
0.156
50.7
0.851
–31.8
500.00
0.806
–79.9
2.825
120.8
0.178
41.8
0.801
–38.3
600.00
0.760
–92.6
2.598
111.3
0.198
37.0
0.744
–43.5
700.00
0.722
–104.8
2.419
103.0
0.209
31.0
0.702
–47.8
800.00
0.695
–116.4
2.238
95.5
0.221
25.2
0.646
–51.5
900.00
0.670
–127.6
2.102
87.9
0.223
20.9
0.615
–55.8
1000.00
0.643
–137.1
1.932
81.4
0.224
18.6
0.575
–58.7
1100.00
0.631
–147.2
1.820
75.3
0.230
14.2
0.544
–62.1
1200.00
0.626
–155.6
1.695
69.8
0.222
10.8
0.520
–66.3
1300.00
0.627
–164.2
1.611
64.4
0.222
8.4
0.497
–69.0
1400.00
0.623
–172.5
1.518
58.6
0.217
7.0
0.482
–72.9
1500.00
0.628
–179.3
1.432
54.0
0.217
2.9
0.468
–75.9
1600.00
0.630
175.7
1.364
49.7
0.212
2.0
0.450
–80.1
1700.00
0.625
168.3
1.280
45.0
0.202
1.0
0.442
–82.8
1800.00
0.629
162.8
1.223
41.3
0.201
0.0
0.433
–88.1
1900.00
0.629
157.5
1.168
37.2
0.190
–1.6
0.417
–89.2
2000.00
0.634
152.4
1.112
33.4
0.189
–0.7
0.419
–94.2
VCE = 1 V, IC = 3 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.886
–28.0
9.515
159.3
0.044
74.9
0.943
–17.6
200.00
0.809
–54.2
8.567
141.9
0.078
64.0
0.847
–32.1
300.00
0.734
–75.4
7.425
128.1
0.103
52.3
0.734
–44.8
400.00
0.661
–94.8
6.367
116.2
0.122
44.4
0.630
–53.5
500.00
0.608
–110.6
5.529
106.7
0.130
39.1
0.547
–61.0
600.00
0.568
–124.2
4.813
98.7
0.136
35.6
0.484
–66.5
700.00
0.544
–136.4
4.278
92.0
0.144
33.4
0.434
–70.6
800.00
0.531
–147.4
3.841
86.0
0.145
30.7
0.381
–76.2
900.00
0.520
–157.3
3.473
80.1
0.152
30.1
0.350
–78.8
1000.00
0.517
–165.2
3.151
75.3
0.160
29.5
0.316
–83.6
1100.00
0.506
174.0
2.905
70.6
0.163
27.3
0.293
–89.0
1200.00
0.511
179.5
2.670
66.4
0.166
26.0
0.270
–92.9
1300.00
0.520
172.5
2.506
61.9
0.168
26.8
0.253
–98.5
1400.00
0.526
166.5
2.330
57.6
0.170
26.3
0.250
–101.9
1500.00
0.533
161.0
2.181
53.8
0.173
25.8
0.233
–106.6
1600.00
0.532
157.2
2.054
50.6
0.177
26.1
0.228
–112.2
1700.00
0.543
151.0
1.921
47.0
0.181
23.7
0.219
–117.6
1800.00
0.553
146.8
1.834
43.6
0.187
22.5
0.223
–124.8
1900.00
0.563
143.0
1.734
40.4
0.191
24.6
0.201
–127.3
2000.00
0.566
138.0
1.661
37.2
0.192
24.9
0.208
–133.2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com