Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5192 Datasheet(PDF) 6 Page - NEC

Part # 2SC5192
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5192 Datasheet(HTML) 6 Page - NEC

Back Button 2SC5192 Datasheet HTML 2Page - NEC 2SC5192 Datasheet HTML 3Page - NEC 2SC5192 Datasheet HTML 4Page - NEC 2SC5192 Datasheet HTML 5Page - NEC 2SC5192 Datasheet HTML 6Page - NEC 2SC5192 Datasheet HTML 7Page - NEC 2SC5192 Datasheet HTML 8Page - NEC 2SC5192 Datasheet HTML 9Page - NEC 2SC5192 Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2SC5192
6
VCE = 1 V, IC = 5 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.823
–37.1
13.981
153.6
0.044
70.4
0.904
–25.0
200.00
0.715
–68.3
11.672
133.5
0.073
56.9
0.762
–43.3
300.00
0.633
–92.2
9.511
119.4
0.086
48.9
0.612
–58.0
400.00
0.566
–112.0
7.794
108.2
0.103
43.7
0.508
–66.4
500.00
0.525
–127.9
6.574
99.7
0.106
41.1
0.427
–74.9
600.00
0.504
–141.1
5.620
92.7
0.114
39.9
0.367
–81.4
700.00
0.487
–152.3
4.927
86.7
0.121
39.5
0.331
–86.5
800.00
0.483
–161.7
4.373
81.5
0.132
37.8
0.286
–93.8
900.00
0.477
–171.1
3.928
76.6
0.132
36.2
0.261
–99.0
1000.00
0.482
–177.9
3.550
72.3
0.141
37.9
0.240
–101.7
1100.00
0.483
174.7
3.252
68.1
0.144
36.4
0.222
–110.7
1200.00
0.487
169.3
2.984
64.5
0.153
36.8
0.210
–115.2
1300.00
0.496
163.0
2.794
60.3
0.161
36.4
0.190
–121.5
1400.00
0.504
157.9
2.590
56.4
0.169
35.1
0.199
–127.7
1500.00
0.521
152.8
2.420
52.8
0.175
35.4
0.188
–132.5
1600.00
0.524
150.2
2.282
49.9
0.181
33.1
0.184
–139.9
1700.00
0.529
144.0
2.127
46.6
0.191
32.0
0.174
–146.3
1800.00
0.540
141.0
2.031
43.5
0.201
30.6
0.199
–152.2
1900.00
0.547
137.1
1.913
40.5
0.204
30.3
0.180
–161.7
2000.00
0.551
133.2
1.829
37.7
0.202
31.4
0.184
–163.4
VCE = 1 V, IC = 7 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.741
–46.4
17.962
148.1
0.038
63.9
0.844
–31.3
200.00
0.630
–81.9
13.958
126.6
0.064
55.5
0.671
–53.0
300.00
0.554
–106.4
10.862
112.9
0.077
47.6
0.524
–68.1
400.00
0.506
–126.3
8.635
102.7
0.087
44.3
0.416
–77.7
500.00
0.475
–141.7
7.161
95.2
0.096
43.7
0.352
–86.7
600.00
0.465
–153.6
6.072
88.9
0.105
43.5
0.303
–95.3
700.00
0.462
–163.4
5.283
83.6
0.111
43.4
0.267
–100.2
800.00
0.458
–172.3
4.672
78.9
0.121
43.2
0.233
–108.2
900.00
0.462
–179.7
4.168
74.3
0.127
42.7
0.214
–113.6
1000.00
0.465
173.6
3.769
70.5
0.135
44.4
0.199
–120.9
1100.00
0.466
167.5
3.443
66.6
0.139
41.7
0.190
–129.1
1200.00
0.477
162.8
3.161
63.2
0.156
42.0
0.195
–136.0
1300.00
0.490
156.6
2.954
59.3
0.161
42.1
0.181
–142.3
1400.00
0.501
152.0
2.728
55.6
0.171
40.3
0.181
–147.5
1500.00
0.509
147.8
2.551
52.4
0.184
38.7
0.190
–153.3
1600.00
0.516
145.1
2.398
49.4
0.183
39.4
0.188
–162.7
1700.00
0.520
140.0
2.235
46.3
0.198
36.7
0.188
–165.2
1800.00
0.530
137.3
2.133
43.4
0.202
36.3
0.205
–173.6
1900.00
0.547
133.1
2.014
40.4
0.208
34.6
0.196
–178.2
2000.00
0.546
129.5
1.912
37.6
0.212
34.8
0.199
–179.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com