Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5192 Datasheet(PDF) 9 Page - NEC

Part # 2SC5192
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5192 Datasheet(HTML) 9 Page - NEC

Back Button 2SC5192 Datasheet HTML 2Page - NEC 2SC5192 Datasheet HTML 3Page - NEC 2SC5192 Datasheet HTML 4Page - NEC 2SC5192 Datasheet HTML 5Page - NEC 2SC5192 Datasheet HTML 6Page - NEC 2SC5192 Datasheet HTML 7Page - NEC 2SC5192 Datasheet HTML 8Page - NEC 2SC5192 Datasheet HTML 9Page - NEC 2SC5192 Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
2SC5192
9
VCE = 3 V, IC = 7 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.769
–35.8
18.610
152.6
0.026
73.9
0.890
–22.5
200.00
0.658
–66.3
15.310
132.5
0.051
59.8
0.743
–38.5
300.00
0.561
–88.8
12.331
118.8
0.061
53.2
0.604
–49.4
400.00
0.485
–107.9
10.032
108.3
0.071
51.0
0.504
–55.6
500.00
0.444
–124.0
8.438
100.3
0.076
48.0
0.423
–60.5
600.00
0.411
–137.7
7.186
93.6
0.084
49.0
0.371
–64.1
700.00
0.397
–148.5
6.299
88.2
0.093
46.8
0.327
–66.8
800.00
0.395
–158.2
5.583
83.4
0.101
47.6
0.290
–70.2
900.00
0.386
–167.9
5.020
78.8
0.106
48.0
0.268
–73.3
1000.00
0.389
–175.7
4.526
74.7
0.118
44.9
0.245
–75.7
1100.00
0.392
176.0
4.151
70.8
0.126
44.6
0.226
–79.4
1200.00
0.396
170.9
3.801
67.5
0.131
45.8
0.203
–83.8
1300.00
0.404
164.8
3.555
63.7
0.140
44.1
0.195
–87.1
1400.00
0.417
158.7
3.304
60.1
0.150
45.1
0.189
–92.1
1500.00
0.426
153.6
3.091
56.6
0.157
45.6
0.177
–96.9
1600.00
0.432
151.9
2.906
53.9
0.162
42.7
0.168
–103.4
1700.00
0.443
145.2
2.712
50.6
0.173
41.8
0.160
–106.6
1800.00
0.446
141.4
2.588
48.1
0.179
41.6
0.157
–115.7
1900.00
0.466
137.6
2.435
45.2
0.182
41.7
0.141
–120.9
2000.00
0.470
133.4
2.339
42.2
0.192
37.3
0.146
–125.3
VCE = 3 V, IC = 10 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.698
–42.9
22.901
147.9
0.025
67.3
0.849
–26.9
200.00
0.570
–77.2
17.709
126.7
0.042
60.5
0.666
–44.8
300.00
0.482
–100.1
13.726
113.5
0.055
53.5
0.527
–55.1
400.00
0.424
–119.5
10.922
103.8
0.066
52.4
0.424
–60.8
500.00
0.391
–134.8
9.033
96.5
0.073
52.7
0.359
–66.2
600.00
0.370
–147.6
7.653
90.6
0.083
52.2
0.307
–69.7
700.00
0.364
–158.4
6.669
85.5
0.090
53.4
0.276
–72.5
800.00
0.361
–167.4
5.894
81.1
0.097
52.7
0.243
–75.0
900.00
0.363
–176.0
5.278
76.9
0.107
51.5
0.223
–79.0
1000.00
0.366
177.1
4.764
73.1
0.113
50.6
0.201
–79.3
1100.00
0.368
170.5
4.356
69.6
0.123
50.9
0.182
–85.7
1200.00
0.378
165.3
3.992
66.4
0.129
50.8
0.174
–94.5
1300.00
0.391
159.7
3.733
62.8
0.138
49.8
0.156
–96.1
1400.00
0.402
154.4
3.461
59.4
0.151
47.6
0.158
–101.5
1500.00
0.417
150.4
3.221
56.2
0.162
47.2
0.149
–107.4
1600.00
0.420
147.3
3.035
53.6
0.164
46.2
0.138
–117.4
1700.00
0.431
142.1
2.831
50.6
0.172
44.9
0.135
–120.2
1800.00
0.434
138.4
2.703
47.7
0.179
44.2
0.142
–130.9
1900.00
0.454
135.4
2.547
45.0
0.189
43.0
0.126
–137.6
2000.00
0.461
130.8
2.434
42.1
0.196
40.8
0.127
–143.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com