Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5192 Datasheet(PDF) 2 Page - NEC

Part # 2SC5192
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5192 Datasheet(HTML) 2 Page - NEC

  2SC5192 Datasheet HTML 1Page - NEC 2SC5192 Datasheet HTML 2Page - NEC 2SC5192 Datasheet HTML 3Page - NEC 2SC5192 Datasheet HTML 4Page - NEC 2SC5192 Datasheet HTML 5Page - NEC 2SC5192 Datasheet HTML 6Page - NEC 2SC5192 Datasheet HTML 7Page - NEC 2SC5192 Datasheet HTML 8Page - NEC 2SC5192 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2SC5192
2
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
PARAMETER
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cutoff Current
ICBO
VCB = 5 V, IE = 0
100
nA
Emitter Cutoff Current
IEBO
VEB = 1 V, IC = 0
100
nA
DC Current Gain
hFE
VCE = 1 V, IC = 3 mANote 1
80
160
Insertion Power Gain (1)
|S21e|2
VCE = 1 V, IC = 3 mA, f = 2.0 GHz
3
4.0
dB
Insertion Power Gain (2)
|S21e|2
VCE = 3 V, IC = 20 mA, f = 2.0 GHz
8
dB
Noise Figure (1)
NF
VCE = 1 V, IC = 3 mA, f = 2.0 GHz
1.7
2.5
dB
Noise Figure (2)
NF
VCE = 3 V, IC = 7 mA, f = 2.0 GHz
1.5
dB
Gain Bandwidth Product (1)
fT
VCE = 1 V, IC = 3 mA, f = 2.0 GHz
4
4.5
GHz
Gain Bandwidth Product (2)
fT
VCE = 3 V, IC = 20 mA, f = 2.0 GHz
9
GHz
Collector Capacitance
Cre
VCB = 1 V, IE = 0, f = 1.0 MHzNote 2
0.65
0.8
pF
Notes 1. Pulse Measurement: PW
≤ 350
µs, Duty cycle ≤ 2 %, Pulsed
2. Measured with 3-pin bridge, emitter and case should be connected to guard pin of bridge.
hFE Classification
Rank
FB
Marking
T88
hFE
80 to 160



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com