Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5192 Datasheet(PDF) 7 Page - NEC

Part # 2SC5192
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5192 Datasheet(HTML) 7 Page - NEC

Back Button 2SC5192 Datasheet HTML 2Page - NEC 2SC5192 Datasheet HTML 3Page - NEC 2SC5192 Datasheet HTML 4Page - NEC 2SC5192 Datasheet HTML 5Page - NEC 2SC5192 Datasheet HTML 6Page - NEC 2SC5192 Datasheet HTML 7Page - NEC 2SC5192 Datasheet HTML 8Page - NEC 2SC5192 Datasheet HTML 9Page - NEC 2SC5192 Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SC5192
7
VCE = 1 V, IC = 10 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.676
–56.3
21.704
142.6
0.038
66.7
0.798
–38.5
200.00
0.561
–95.4
15.685
120.5
0.058
54.2
0.593
–62.6
300.00
0.498
–120.2
11.740
107.7
0.069
50.1
0.443
–78.3
400.00
0.467
–138.8
9.163
98.5
0.077
46.5
0.350
–88.7
500.00
0.453
–152.8
7.523
91.7
0.085
48.5
0.304
–99.0
600.00
0.452
–163.7
6.335
86.0
0.094
48.3
0.260
–107.8
700.00
0.449
–172.6
5.494
81.2
0.106
49.4
0.231
–114.9
800.00
0.452
179.8
4.847
76.8
0.119
47.6
0.213
–123.1
900.00
0.451
172.9
4.318
72.6
0.123
47.7
0.194
–131.3
1000.00
0.458
167.1
3.891
69.1
0.136
47.0
0.188
–135.6
1100.00
0.467
161.4
3.550
65.3
0.146
46.9
0.189
–145.9
1200.00
0.476
157.5
3.251
62.2
0.155
45.1
0.187
–152.3
1300.00
0.482
152.5
3.045
58.5
0.164
45.0
0.185
–158.8
1400.00
0.502
148.6
2.809
54.8
0.173
44.0
0.198
–161.4
1500.00
0.507
144.6
2.638
51.8
0.181
43.0
0.194
–170.2
1600.00
0.512
142.1
2.471
49.0
0.191
41.3
0.205
–174.3
1700.00
0.527
137.6
2.310
45.9
0.197
39.2
0.212
–178.3
1800.00
0.527
133.8
2.196
43.6
0.209
38.1
0.228
177.2
1900.00
0.543
130.8
2.065
40.6
0.217
37.3
0.224
169.1
2000.00
0.545
126.7
1.974
38.1
0.223
35.5
0.234
168.6
VCE = 3 V, IC = 1 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.965
–14.8
3.499
168.1
0.034
82.6
0.987
–6.7
200.00
0.944
–29.7
3.439
157.3
0.066
72.1
0.969
–13.1
300.00
0.916
–43.8
3.305
147.1
0.093
64.7
0.940
–19.3
400.00
0.868
–57.8
3.130
136.5
0.116
55.3
0.898
–24.8
500.00
0.831
–71.2
2.978
126.8
0.136
48.8
0.855
–29.8
600.00
0.785
–83.5
2.769
117.8
0.150
41.7
0.816
–34.8
700.00
0.742
–95.4
2.610
109.8
0.167
37.0
0.778
–37.8
800.00
0.712
–106.8
2.435
102.4
0.172
32.5
0.728
–41.7
900.00
0.685
–117.6
2.307
95.0
0.180
26.4
0.703
–44.6
1000.00
0.656
–127.8
2.133
88.3
0.183
22.1
0.667
–47.4
1100.00
0.641
–137.8
2.029
82.3
0.182
19.2
0.637
–50.3
1200.00
0.631
–146.7
1.881
76.7
0.180
16.9
0.609
–53.6
1300.00
0.625
–155.8
1.801
71.4
0.179
13.1
0.592
–56.1
1400.00
0.622
–164.7
1.703
65.7
0.176
9.9
0.577
–59.2
1500.00
0.627
–172.0
1.605
61.0
0.176
9.6
0.561
–61.7
1600.00
0.622
–177.2
1.520
56.3
0.170
9.2
0.543
–64.7
1700.00
0.623
174.5
1.434
51.9
0.167
6.5
0.531
–67.1
1800.00
0.615
168.2
1.369
48.1
0.166
7.6
0.516
–71.0
1900.00
0.621
162.9
1.310
44.2
0.159
6.4
0.505
–73.2
2000.00
0.618
157.0
1.257
39.8
0.157
6.8
0.505
–74.4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com