Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5337 Datasheet(PDF) 4 Page - NEC

Part # 2SC5337
Description  NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5337 Datasheet(HTML) 4 Page - NEC

  2SC5337 Datasheet HTML 1Page - NEC 2SC5337 Datasheet HTML 2Page - NEC 2SC5337 Datasheet HTML 3Page - NEC 2SC5337 Datasheet HTML 4Page - NEC 2SC5337 Datasheet HTML 5Page - NEC 2SC5337 Datasheet HTML 6Page - NEC 2SC5337 Datasheet HTML 7Page - NEC 2SC5337 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
2SC5337
0
20
40
60
80
100
10
20
50
10
10
100
300
1
0.1
100
1000
0.3
1
0.5
1.0
2.0
3.0
5.0
3
5
10
20
30
0.3
10
0.5
1
2
3
5
10
30
50 70 100
0
10
5
10
30
50 70
100
0
0.2
10
20
0.4
0.6 0.8 10
14
2.0
VCE - Collector to Emitter Voltage - V
DC CURRENT GAIN vs.
COLLECTOR CURRENT
IC - Collector Current - mA
VCB - Collector to Bese Voltage - V
f = 1.0 MHZ
IC - Collector Current - mA
IC - Collector Current - mA
f - Frequency - GHZ
S21e 2
MAG
VCE = 10 V
IC = 50 mA
FEED-BACK CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
INSERTION POWER GAIN vs.
COLLECTOR CURRENT
INSERTION POWER GAIN
MAXIMUM AVAILABLE GAIN vs. FREQUENCY
VCE = 10 V
IB = 0.6 mA
0.5 mA
0.4 mA
0.3 mA
0.2 mA
0.1 mA
VCE = 10 V
f = 1 GHZ
VCE = 10 V
f = 1 GHZ
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com