Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5337 Datasheet(PDF) 2 Page - NEC

Part # 2SC5337
Description  NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5337 Datasheet(HTML) 2 Page - NEC

  2SC5337 Datasheet HTML 1Page - NEC 2SC5337 Datasheet HTML 2Page - NEC 2SC5337 Datasheet HTML 3Page - NEC 2SC5337 Datasheet HTML 4Page - NEC 2SC5337 Datasheet HTML 5Page - NEC 2SC5337 Datasheet HTML 6Page - NEC 2SC5337 Datasheet HTML 7Page - NEC 2SC5337 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
2SC5337
ELECTRICAL CHARACTERISTICS (TA = 25 °
°°°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Collector Cutoff Current
ICBO
VCB = 20 V, IE = 0
0.01
5.0
µA
Emitter Cutoff Current
IEBO
VEB = 2 V, IC = 0
0.03
5.0
µA
DC Current Gain
hFE
VCE = 10 V, IC = 50 mA
Note2
40
120
200
Insertion Power Gain
| S21e |
2
VCE = 10 V, IC = 50 mA, f = 1 GHz
7.0
8.3
dB
Noise Figure 1
NF1
VCE = 10 V, IC = 50 mA, f = 500 MHz
Note3
1.5
3.5
dB
Noise Figure 2
NF2
VCE = 10 V, IC = 50 mA, f = 1 GHz
Note3
2.0
3.5
dB
IM2
VCE = 10 V, IC = 50 mA, RS = RL = 75
Ω
59.0
dB
Pin = 105 dB
µV/75 Ω, f1 = 190 MHz
f2 = 90 MHz, f = f1
− f2
IM3
VCE = 10 V, IC = 50 mA, RS = RL = 75
Ω
82.0
dB
Pin = 105 dB
µV/75 Ω, f1 = 190 MHz
f2 = 200 MHz, f = 2
× f1 − f2
Notes 2. Pulse measurement: PW
≤ 350
µS, Duty Cycle ≤ 2 %
3. RS = RL = 50
Ω, tuned
hFE Classification
Rank
QQ
QR
QS
Marking
QQ
QR
QS
hFE
40 to 80
60 to 120
100 to 200
3rd Order
Intermoduration
Distortion
2nd Order
Intermoduration
Distortion



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com