Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5337 Datasheet(PDF) 5 Page - NEC

Part # 2SC5337
Description  NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5337 Datasheet(HTML) 5 Page - NEC

  2SC5337 Datasheet HTML 1Page - NEC 2SC5337 Datasheet HTML 2Page - NEC 2SC5337 Datasheet HTML 3Page - NEC 2SC5337 Datasheet HTML 4Page - NEC 2SC5337 Datasheet HTML 5Page - NEC 2SC5337 Datasheet HTML 6Page - NEC 2SC5337 Datasheet HTML 7Page - NEC 2SC5337 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
2SC5337
IC - Collector Current - mA
IC - Collector Current - mA
VCE = 10 V
f = 1 GHZ
3RD ORDER INTERMODULATION DISTORTION,
2ND ORDER INTERMODULATION DISTORTION ( + ) AND
2ND ORDER INTERMODULATION DISTORTION ( – ) vs.
COLLECTOR CURRENT
VCE = 10 V
IM3 : VO = 110 dB V/75
Ω 2 tone each
f = 2
× 190 MHz – 200MHZ
IM2+: VO = 105 dB V/75
Ω 2 tone each
f = 90 MHz + 100MHZ
IM2–: VO = 105 dB V/75
Ω 2 tone each
f = 190 MHz – 90MHZ
µ
µ
µ
10
50
100
300
30
40
50
60
70
80
5
0
1
2
3
4
5
6
7
10
20
50
100
IM3
IM2+
IM2–
NOISE FIGURE vs. COLLECTOR CURRENT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com