Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5337 Datasheet(PDF) 6 Page - NEC

Part # 2SC5337
Description  NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5337 Datasheet(HTML) 6 Page - NEC

  2SC5337 Datasheet HTML 1Page - NEC 2SC5337 Datasheet HTML 2Page - NEC 2SC5337 Datasheet HTML 3Page - NEC 2SC5337 Datasheet HTML 4Page - NEC 2SC5337 Datasheet HTML 5Page - NEC 2SC5337 Datasheet HTML 6Page - NEC 2SC5337 Datasheet HTML 7Page - NEC 2SC5337 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
2SC5337
S-PARAMETER
VCE = 10 V, f = 1 GHz
S11
S21
S12
S22
IC (mA)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
10.0
.553
175.2
2.007
64.7
.127
67.4
.336
− 91.0
30.0
.500
168.1
2.492
68.0
.156
69.9
.247
− 122.5
50.0
.490
166.3
2.561
68.1
.158
70.3
.223
− 131.3
70.0
.490
165.3
2.640
69.0
.167
71.2
.253
− 136.0
100.0
.492
164.8
2.601
68.6
.162
69.3
.225
− 138.1
VCE = 10 V, IC = 50 mA
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
.592
− 136.6
24.447
108.4
.030
50.5
.465
− 95.2
200
.577
− 160.0
12.746
96.5
.042
57.4
.335
− 123.0
300
.566
− 168.5
8.591
91.2
.055
67.3
.276
− 130.1
400
.558
− 174.0
6.438
87.2
.066
70.8
.269
− 132.7
500
.554
− 177.5
5.160
84.1
.083
68.6
.262
− 134.5
600
.542
− 179.4
4.312
82.3
.095
70.6
.262
− 139.1
700
.527
177.9
3.729
80.9
.112
71.2
.251
− 133.4
800
.519
175.8
3.292
78.7
.123
74.6
.252
− 132.9
900
.509
174.4
2.983
77.7
.136
75.0
.252
− 124.6
1000
.514
171.0
2.759
76.6
.151
75.3
.257
− 125.3
1100
.498
166.8
2.648
75.4
.166
75.8
.278
− 118.4
1200
.494
167.3
2.665
71.3
.180
74.7
.306
− 120.2
1300
.487
161.7
2.478
63.0
.194
75.9
.314
− 124.2
1400
.467
160.4
2.177
60.1
.216
74.7
.273
− 124.0
1500
.477
157.4
1.973
57.9
.230
74.9
.281
− 123.2
1600
.471
154.5
1.815
57.2
.240
73.2
.291
− 120.2
1700
.467
152.5
1.754
55.3
.260
72.9
.316
− 118.7
1800
.469
151.3
1.639
54.4
.273
70.5
.312
− 123.1
1900
.465
149.1
1.568
53.4
.285
69.9
.316
− 125.5
2000
.468
147.0
1.475
52.6
.289
69.3
.323
− 126.3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com