Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5337 Datasheet(PDF) 7 Page - NEC

Part # 2SC5337
Description  NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5337 Datasheet(HTML) 7 Page - NEC

  2SC5337 Datasheet HTML 1Page - NEC 2SC5337 Datasheet HTML 2Page - NEC 2SC5337 Datasheet HTML 3Page - NEC 2SC5337 Datasheet HTML 4Page - NEC 2SC5337 Datasheet HTML 5Page - NEC 2SC5337 Datasheet HTML 6Page - NEC 2SC5337 Datasheet HTML 7Page - NEC 2SC5337 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
2SC5337
S-PARAMETER
VCE = 10 V, IC = 100 mA
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
.564
− 146.0
24.857
105.3
.019
50.2
.284
− 116.1
200
.586
− 165.8
12.845
94.5
.026
59.6
.204
− 129.9
300
.576
− 171.9
8.681
89.7
.041
73.2
.199
− 138.7
400
.561
− 176.3
6.541
86.3
.048
77.8
.200
− 140.1
500
.550
179.9
5.209
83.5
.060
81.4
.196
− 137.0
600
.540
178.2
4.358
82.2
.069
82.0
.182
− 137.6
700
.538
175.7
3.772
80.6
.086
84.2
.216
− 131.0
800
.521
174.6
3.332
78.4
.099
85.1
.210
− 130.5
900
.510
173.2
3.037
77.0
.113
85.4
.222
− 122.2
1000
.524
168.5
2.780
76.9
.119
83.5
.198
− 120.1
1100
.502
165.2
2.680
75.3
.136
86.8
.213
− 114.9
1200
.489
165.9
2.718
72.3
.156
83.5
.246
− 114.9
1300
.488
161.1
2.578
63.0
.177
85.5
.251
− 122.8
1400
.472
157.9
2.213
58.7
.184
81.8
.209
− 127.2
1500
.480
155.3
2.012
57.8
.194
85.3
.252
− 114.1
1600
.470
153.4
1.846
57.2
.219
82.2
.242
− 117.6
1700
.465
151.1
1.745
56.5
.235
82.4
.240
− 112.9
1800
.464
149.5
1.677
54.9
.248
79.0
.263
− 121.9
1900
.460
147.9
1.571
53.3
.249
78.6
.281
− 120.0
2000
.466
146.0
1.514
52.3
.264
77.4
.276
− 124.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com