Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5437 Datasheet(PDF) 3 Page - NEC

Part # 2SC5437
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5437 Datasheet(HTML) 3 Page - NEC

  2SC5437 Datasheet HTML 1Page - NEC 2SC5437 Datasheet HTML 2Page - NEC 2SC5437 Datasheet HTML 3Page - NEC 2SC5437 Datasheet HTML 4Page - NEC 2SC5437 Datasheet HTML 5Page - NEC 2SC5437 Datasheet HTML 6Page - NEC 2SC5437 Datasheet HTML 7Page - NEC 2SC5437 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SC5437
3
Preliminary Data Sheet
NOISE FIGURE vs. COLLECTOR CURRENT
VCB - Collector to Base Voltage - V
f - Frequency - GHz
VCE = 1 V
IC = 5 mA
IC - Collector Current - mA
VCE = 1 V
f = 2 GHz
1.00
2.00
0.00
3.00
4.00
110
0
0.1
10.0
REVERSE TRANSFER CAPACITANCE
vs. COLLECTOR TO BASE VOLTAGE
110
0.10
1.00
10
30
5
20
15
25
1.0
100
S21e2
MAG
MAXIMUM AVAILABLE GAIN/INSERTION
POWER GAIN vs. FREQUENCY
IC - Collector Current - mA
VCE = 1 V
f = 2 GHz
IC - Collector Current - mA
VCE = 1 V
f = 2 GHz
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
INSERTION POWER GAIN
vs. COLLECTOR CURRENT
0
1
2
3
5
6
7
1
10
4
8
0
110
2
3
4
1
5
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com