Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5437 Datasheet(PDF) 5 Page - NEC

Part # 2SC5437
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5437 Datasheet(HTML) 5 Page - NEC

  2SC5437 Datasheet HTML 1Page - NEC 2SC5437 Datasheet HTML 2Page - NEC 2SC5437 Datasheet HTML 3Page - NEC 2SC5437 Datasheet HTML 4Page - NEC 2SC5437 Datasheet HTML 5Page - NEC 2SC5437 Datasheet HTML 6Page - NEC 2SC5437 Datasheet HTML 7Page - NEC 2SC5437 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SC5437
5
Preliminary Data Sheet
2SC5437
S PARAMETER
VCE = 1 V, IC = 7 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.561
–85.4
12.549
125.2
0.060
50.5
0.627
–59.0
400.00
0.469
–128.0
7.589
103.4
0.079
41.8
0.381
–89.6
600.00
0.444
–149.4
5.337
90.6
0.092
42.3
0.290
–109.0
800.00
0.432
–164.1
4.184
83.5
0.103
43.9
0.242
–123.1
1000.00
0.438
–175.2
3.455
78.0
0.115
45.5
0.216
–136.1
1200.00
0.456
177.5
2.933
72.0
0.130
46.7
0.209
–147.8
1400.00
0.462
172.7
2.503
66.6
0.146
48.4
0.211
–156.1
1600.00
0.457
166.8
2.226
62.8
0.158
50.1
0.213
–163.6
1800.00
0.463
159.6
1.953
58.9
0.168
50.8
0.217
–171.8
2000.00
0.487
154.2
1.744
54.6
0.179
49.6
0.228
–179.9
2200.00
0.506
150.6
1.589
49.4
0.193
47.9
0.249
174.3
2400.00
0.520
147.3
1.499
45.1
0.209
46.6
0.269
170.6
2600.00
0.533
143.8
1.420
42.6
0.226
46.9
0.286
167.5
2800.00
0.548
140.8
1.305
40.4
0.237
47.0
0.302
163.4
3000.00
0.566
138.8
1.202
36.2
0.242
45.7
0.319
160.1
VCE = 1 V, IC = 10 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.496
–99.1
14.099
120.4
0.051
48.8
0.555
–69.8
400.00
0.439
–139.2
8.130
99.5
0.067
44.9
0.340
–103.3
600.00
0.425
–158.0
5.656
88.4
0.083
48.0
0.270
–123.9
800.00
0.420
–171.0
4.400
82.0
0.097
50.1
0.238
–138.8
1000.00
0.432
179.3
3.622
77.1
0.112
51.7
0.224
–152.2
1200.00
0.451
173.3
3.070
71.6
0.128
52.4
0.227
–162.4
1400.00
0.456
169.1
2.622
66.4
0.146
53.3
0.234
–169.0
1600.00
0.452
163.6
2.325
62.9
0.161
54.3
0.237
–175.5
1800.00
0.460
157.0
2.036
59.2
0.172
54.4
0.243
177.1
2000.00
0.484
152.1
1.818
55.2
0.185
52.8
0.257
170.2
2200.00
0.503
148.8
1.656
50.1
0.199
50.5
0.279
165.6
2400.00
0.517
145.6
1.560
46.1
0.216
49.0
0.297
162.7
2600.00
0.530
142.4
1.476
43.6
0.234
48.7
0.312
159.8
2800.00
0.545
139.5
1.360
41.5
0.245
48.4
0.329
156.4
3000.00
0.563
137.6
1.250
37.5
0.251
47.1
0.346
153.4
VCE = 3 V, IC = 1 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.922
–31.0
3.396
154.4
0.072
68.3
0.959
–14.0
400.00
0.781
–59.5
2.823
132.8
0.122
51.1
0.833
–25.2
600.00
0.711
–85.9
2.381
114.4
0.154
39.1
0.724
–35.9
800.00
0.645
–104.8
2.107
100.9
0.166
29.5
0.670
–43.6
1000.00
0.594
–121.1
1.841
91.1
0.173
22.3
0.634
–47.9
1200.00
0.564
–136.2
1.591
81.8
0.176
18.1
0.593
–51.2
1400.00
0.557
–147.7
1.424
72.6
0.171
17.7
0.553
–55.6
1600.00
0.541
–157.3
1.299
66.1
0.162
17.5
0.523
–61.3
1800.00
0.520
–168.1
1.165
60.1
0.149
17.5
0.511
–67.6
2000.00
0.530
–178.5
1.050
54.3
0.140
17.1
0.500
–73.8
2200.00
0.553
173.7
0.969
47.2
0.136
20.0
0.482
–81.0
2400.00
0.567
168.1
0.922
41.7
0.133
25.2
0.479
–90.7
2600.00
0.576
162.8
0.870
38.6
0.134
31.9
0.497
–99.1
2800.00
0.586
157.6
0.792
35.1
0.138
38.9
0.505
–105.9
3000.00
0.605
153.2
0.738
30.1
0.143
44.2
0.497
–112.8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com