Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5437 Datasheet(PDF) 6 Page - NEC

Part # 2SC5437
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5437 Datasheet(HTML) 6 Page - NEC

  2SC5437 Datasheet HTML 1Page - NEC 2SC5437 Datasheet HTML 2Page - NEC 2SC5437 Datasheet HTML 3Page - NEC 2SC5437 Datasheet HTML 4Page - NEC 2SC5437 Datasheet HTML 5Page - NEC 2SC5437 Datasheet HTML 6Page - NEC 2SC5437 Datasheet HTML 7Page - NEC 2SC5437 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC5437
6
Preliminary Data Sheet
2SC5437
S PARAMETER
VCE = 3 V, IC = 3 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.782
–47.6
8.239
143.8
0.062
61.0
0.860
–27.1
400.00
0.605
–85.1
6.070
120.0
0.093
45.1
0.625
–44.1
600.00
0.536
–111.7
4.667
103.1
0.109
38.0
0.488
–55.9
800.00
0.481
–130.4
3.796
92.9
0.115
34.5
0.416
–62.2
1000.00
0.453
–145.8
3.207
85.7
0.122
33.2
0.360
–65.6
1200.00
0.452
–158.4
2.689
78.8
0.128
33.8
0.319
–68.8
1400.00
0.456
–166.9
2.366
71.7
0.135
36.2
0.286
–73.8
1600.00
0.446
–174.8
2.123
66.8
0.138
39.7
0.262
–80.0
1800.00
0.442
176.0
1.879
62.2
0.141
42.0
0.249
–86.3
2000.00
0.461
168.0
1.682
57.3
0.146
42.3
0.236
–93.4
2200.00
0.484
162.5
1.536
51.3
0.154
43.1
0.226
–102.9
2400.00
0.499
158.2
1.451
46.3
0.166
44.3
0.231
–113.6
2600.00
0.511
154.0
1.376
43.4
0.180
46.2
0.244
–121.5
2800.00
0.526
150.0
1.261
40.4
0.190
48.5
0.251
–128.7
3000.00
0.545
146.9
1.167
35.8
0.195
49.0
0.255
–136.2
VCE = 3 V, IC = 5 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.677
–59.7
11.364
136.5
0.056
57.6
0.776
–36.3
400.00
0.512
–100.5
7.682
112.9
0.078
44.3
0.508
–56.0
600.00
0.456
–125.9
5.639
98.0
0.091
41.5
0.378
–68.2
800.00
0.420
–143.6
4.496
89.3
0.099
41.0
0.309
–74.9
1000.00
0.408
–157.9
3.744
83.3
0.108
42.3
0.257
–79.3
1200.00
0.416
–168.5
3.206
77.0
0.118
43.5
0.220
–84.4
1400.00
0.424
–175.3
2.769
70.6
0.130
45.9
0.195
–91.6
1600.00
0.418
177.7
2.440
66.5
0.138
48.6
0.178
–99.6
1800.00
0.419
169.4
2.151
62.5
0.146
50.5
0.169
–107.7
2000.00
0.440
162.7
1.921
58.0
0.154
50.0
0.159
–117.8
2200.00
0.463
158.1
1.752
52.6
0.166
49.3
0.160
–129.2
2400.00
0.479
154.3
1.651
47.9
0.180
49.0
0.173
–139.8
2600.00
0.492
150.4
1.566
45.2
0.197
50.0
0.187
–146.4
2800.00
0.508
146.9
1.438
42.6
0.208
50.7
0.200
–153.9
3000.00
0.527
144.4
1.327
38.2
0.214
50.3
0.209
–160.9
VCE = 3 V, IC = 7 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.587
–70.9
13.785
131.0
0.049
54.4
0.696
–44.5
400.00
0.450
–113.1
8.717
107.8
0.067
46.4
0.425
–66.1
600.00
0.408
–136.9
6.260
94.6
0.080
46.4
0.308
–79.3
800.00
0.386
–153.3
4.926
86.9
0.090
47.1
0.245
–87.2
1000.00
0.384
–166.2
4.074
81.6
0.102
49.2
0.200
–94.2
1200.00
0.397
–175.1
3.474
75.8
0.115
50.6
0.171
–102.2
1400.00
0.406
179.1
3.002
70.1
0.129
52.2
0.154
–111.9
1600.00
0.401
172.8
2.613
66.0
0.141
54.0
0.144
–121.8
1800.00
0.408
165.2
2.320
62.5
0.151
55.3
0.141
–131.5
2000.00
0.430
159.1
2.074
58.4
0.162
54.2
0.140
–143.3
2200.00
0.451
155.1
1.888
53.2
0.175
52.9
0.149
–154.7
2400.00
0.468
151.8
1.775
48.8
0.190
51.7
0.167
–162.7
2600.00
0.482
148.1
1.683
46.1
0.207
51.9
0.183
–167.8
2800.00
0.498
144.9
1.547
43.9
0.219
52.4
0.197
–173.8
3000.00
0.517
142.6
1.422
39.7
0.225
51.4
0.212
–179.4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com