Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5437 Datasheet(PDF) 7 Page - NEC

Part # 2SC5437
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5437 Datasheet(HTML) 7 Page - NEC

  2SC5437 Datasheet HTML 1Page - NEC 2SC5437 Datasheet HTML 2Page - NEC 2SC5437 Datasheet HTML 3Page - NEC 2SC5437 Datasheet HTML 4Page - NEC 2SC5437 Datasheet HTML 5Page - NEC 2SC5437 Datasheet HTML 6Page - NEC 2SC5437 Datasheet HTML 7Page - NEC 2SC5437 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2SC5437
7
Preliminary Data Sheet
2SC5437
S PARAMETER
VCE = 3 V, IC = 10 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.507
–82.3
15.830
125.7
0.044
54.4
0.619
–52.5
400.00
0.404
–124.5
9.537
103.9
0.059
48.9
0.361
–75.9
600.00
0.377
–146.4
6.711
92.0
0.073
51.3
0.259
–90.6
800.00
0.364
–161.3
5.250
85.2
0.086
53.1
0.204
–100.5
1000.00
0.370
–172.7
4.334
80.4
0.100
55.0
0.169
–110.3
1200.00
0.386
179.7
3.675
75.0
0.114
55.6
0.148
–121.9
1400.00
0.394
174.9
3.173
69.7
0.130
56.7
0.141
–132.5
1600.00
0.392
169.0
2.757
65.9
0.144
58.0
0.140
–142.3
1800.00
0.400
162.1
2.446
62.6
0.156
58.5
0.140
–152.6
2000.00
0.423
156.6
2.183
58.7
0.168
57.1
0.146
–163.7
2200.00
0.444
153.0
1.984
53.8
0.181
54.9
0.162
–172.3
2400.00
0.461
149.8
1.865
49.6
0.198
53.3
0.181
–177.7
2600.00
0.475
146.3
1.769
47.1
0.216
53.3
0.200
178.2
2800.00
0.492
143.4
1.630
44.9
0.228
53.3
0.214
173.4
3000.00
0.512
141.3
1.499
41.0
0.234
51.9
0.231
168.9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com