Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5437 Datasheet(PDF) 4 Page - NEC

Part # 2SC5437
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5437 Datasheet(HTML) 4 Page - NEC

  2SC5437 Datasheet HTML 1Page - NEC 2SC5437 Datasheet HTML 2Page - NEC 2SC5437 Datasheet HTML 3Page - NEC 2SC5437 Datasheet HTML 4Page - NEC 2SC5437 Datasheet HTML 5Page - NEC 2SC5437 Datasheet HTML 6Page - NEC 2SC5437 Datasheet HTML 7Page - NEC 2SC5437 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SC5437
4
Preliminary Data Sheet
2SC5437
S PARAMETER
VCE = 1 V, IC = 1 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.903
–35.0
3.343
151.0
0.092
66.0
0.939
–18.2
400.00
0.746
–66.3
2.695
127.5
0.155
46.6
0.781
–32.4
600.00
0.675
–93.2
2.223
108.3
0.189
33.9
0.662
–45.0
800.00
0.608
–112.2
1.934
94.8
0.200
24.4
0.600
–53.4
1000.00
0.561
–128.6
1.661
84.9
0.207
17.1
0.553
–58.4
1200.00
0.541
–143.1
1.432
75.1
0.209
13.0
0.510
–62.9
1400.00
0.539
–153.8
1.283
66.2
0.203
12.1
0.473
–68.7
1600.00
0.525
–162.9
1.168
59.9
0.191
11.5
0.451
–75.7
1800.00
0.510
–173.3
1.041
53.8
0.175
10.6
0.443
–82.6
2000.00
0.523
176.9
0.938
47.9
0.165
9.4
0.431
–89.8
2200.00
0.548
170.0
0.869
40.8
0.159
11.7
0.420
–99.0
2400.00
0.562
164.7
0.825
35.6
0.154
16.0
0.432
–109.5
2600.00
0.573
159.6
0.774
32.7
0.150
21.5
0.457
–117.6
2800.00
0.584
154.7
0.702
29.4
0.151
27.9
0.467
–124.6
3000.00
0.605
150.7
0.656
24.5
0.153
32.5
0.468
–132.2
VCE = 1 V, IC = 3 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.748
–56.1
7.879
139.2
0.080
56.6
0.811
–35.7
400.00
0.584
–97.0
5.518
114.6
0.114
40.2
0.552
–58.2
600.00
0.526
–123.2
4.133
98.1
0.129
33.4
0.420
–73.5
800.00
0.486
–141.4
3.325
88.3
0.135
30.0
0.346
–82.6
1000.00
0.469
–156.1
2.790
81.2
0.141
28.6
0.292
–89.6
1200.00
0.477
–167.1
2.327
74.1
0.148
28.9
0.255
–97.0
1400.00
0.483
–174.4
2.050
67.2
0.155
31.6
0.235
–105.6
1600.00
0.473
178.3
1.832
62.4
0.157
34.6
0.223
–114.0
1800.00
0.473
169.6
1.617
57.8
0.160
36.3
0.218
–122.0
2000.00
0.494
162.6
1.447
52.8
0.164
36.2
0.212
–131.8
2200.00
0.516
157.7
1.325
46.8
0.174
36.6
0.221
–142.3
2400.00
0.530
153.7
1.255
42.0
0.185
37.6
0.242
–150.4
2600.00
0.542
149.7
1.184
39.1
0.197
39.6
0.261
–155.7
2800.00
0.556
146.0
1.085
36.5
0.205
41.2
0.277
–161.8
3000.00
0.575
143.3
1.005
31.7
0.210
41.6
0.289
–167.8
VCE = 1 V, IC = 5 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.598
–68.1
10.072
129.5
0.066
50.2
0.684
–50.7
400.00
0.430
–109.0
6.323
106.6
0.086
39.1
0.419
–77.9
600.00
0.375
–132.9
4.527
93.0
0.097
37.2
0.311
–95.4
800.00
0.347
–150.0
3.563
85.1
0.105
37.2
0.251
–107.0
1000.00
0.340
–163.6
2.965
79.6
0.114
38.8
0.214
–118.5
1200.00
0.351
–173.4
2.454
73.8
0.126
40.4
0.195
–129.8
1400.00
0.358
–179.8
2.157
68.0
0.138
42.9
0.190
–139.5
1600.00
0.356
173.5
1.927
64.0
0.146
45.9
0.190
–147.9
1800.00
0.362
165.7
1.699
60.1
0.153
47.5
0.190
–156.7
2000.00
0.383
159.3
1.524
55.8
0.162
46.9
0.197
–166.0
2200.00
0.404
155.2
1.397
50.4
0.174
45.9
0.216
–173.4
2400.00
0.421
151.7
1.321
46.0
0.189
45.6
0.236
–178.0
2600.00
0.435
148.1
1.256
43.5
0.204
46.7
0.255
178.3
2800.00
0.452
144.8
1.159
41.2
0.214
47.4
0.271
173.9
3000.00
0.472
142.5
1.072
37.1
0.220
46.9
0.287
169.6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com