Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5508 Datasheet(PDF) 3 Page - NEC

Part # 2SC5508
Description  NPN SILICON RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5508 Datasheet(HTML) 3 Page - NEC

  2SC5508 Datasheet HTML 1Page - NEC 2SC5508 Datasheet HTML 2Page - NEC 2SC5508 Datasheet HTML 3Page - NEC 2SC5508 Datasheet HTML 4Page - NEC 2SC5508 Datasheet HTML 5Page - NEC 2SC5508 Datasheet HTML 6Page - NEC 2SC5508 Datasheet HTML 7Page - NEC 2SC5508 Datasheet HTML 8Page - NEC 2SC5508 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Preliminary Data Sheet P13865EJ1V0DS00
3
2SC5508
TYPICAL CHARACTERISTICS (TA = +25 °C)
Thermal/DC Characteristics
Collector Current vs. Collector to Emitter Voltage
DC Current Gain vs. Collector Current
0.001
200
100
10
01
2
3
4
5
1
0.01
0.1
1
10
100
Collector to Emitter Voltage VCE (V)
Collector Current IC (mA)
Total Power Dissipation vs.
Ambient Temperature, Case Temperature
Collector Current vs. DC Base Voltage
50
40
30
20
10
250
200
150
100
50
0
50
40
30
20
10
0
Ambient Temperature TA (
°C), Case Temperature TC (°C)
DC Base Voltage VBE (V)
0
25
50
75
100
125
150
0
0.2
0.4
0.6
0.8
1.0
1.2
PT-TA: Free air
PT-TA: Mounted on ceramic board
(15 mm
× 15 mm, t = 0.6 mm)
PT-TC: When case temperature
is specified
VCE = 2 V
700 A
µµ
750 A
VCE = 2 V
650 A
600 A
550 A
500 A
450 A
400 A
350 A
300 A
250 A
200 A
150 A
100 A
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
IB = 50 A
Capacitance/fT Characteristics
Reverse Transfer Capacitance vs. Collector to Base Voltage
0.50
0.40
0.30
0.20
0.10
0
Collector to Base Voltage VCB (V)
0
1.0
2.0
3.0
4.0
5.0
f = 1 MHz
1
30
25
20
15
10
5
0
10
100
Gain Bandwidth Product vs. Collector Current
Collector Current IC (mA)
VCE = 3 V
f = 2 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com