Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5508 Datasheet(PDF) 9 Page - NEC

Part # 2SC5508
Description  NPN SILICON RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5508 Datasheet(HTML) 9 Page - NEC

Back Button 2SC5508 Datasheet HTML 5Page - NEC 2SC5508 Datasheet HTML 6Page - NEC 2SC5508 Datasheet HTML 7Page - NEC 2SC5508 Datasheet HTML 8Page - NEC 2SC5508 Datasheet HTML 9Page - NEC 2SC5508 Datasheet HTML 10Page - NEC 2SC5508 Datasheet HTML 11Page - NEC 2SC5508 Datasheet HTML 12Page - NEC 2SC5508 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Preliminary Data Sheet P13865EJ1V0DS00
9
2SC5508
VCE = 2 V, IC = 20 mA
Frequency
S11
S21
S12
S22
GHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0.48
0.46
0.43
0.41
0.39
0.38
0.37
0.36
0.36
0.36
0.36
0.36
0.37
0.37
0.38
0.39
0.40
0.40
0.41
0.42
0.43
0.44
0.45
0.46
0.47
0.47
0.48
0.49
0.50
0.51
0.64
0.70
0.75
0.78
0.82
0.83
0.86
–21.4
–41.3
–59.2
–75.4
–89.9
–102.6
–114.2
–124.7
–134.1
–142.6
–150.5
–157.4
–163.8
–169.6
–175.2
179.9
175.3
171.1
167.1
163.4
159.9
156.6
153.4
150.6
147.9
145.2
142.8
140.2
138.0
136.0
125.8
114.7
105.8
96.0
89.8
83.4
78.9
27.42
25.60
23.38
21.22
19.27
17.45
15.92
14.56
13.39
12.35
11.45
10.65
9.94
9.30
8.76
8.26
7.81
7.39
7.02
6.68
6.35
6.08
5.81
5.56
5.35
5.12
4.93
4.72
4.58
4.43
3.08
2.39
1.94
1.60
1.36
1.17
1.00
164.9
152.5
142.0
133.1
125.5
118.9
113.2
108.1
103.6
99.3
95.4
91.9
88.5
85.5
82.4
79.5
77.0
74.3
71.8
69.2
67.0
64.7
62.4
60.2
58.0
56.0
53.8
51.7
49.9
47.8
35.5
21.1
8.2
–4.5
–15.6
–26.8
–35.9
0.01
0.02
0.02
0.02
0.03
0.03
0.04
0.04
0.04
0.04
0.05
0.05
0.05
0.05
0.05
0.06
0.06
0.06
0.06
0.07
0.07
0.07
0.07
0.08
0.08
0.08
0.08
0.09
0.09
0.09
0.10
0.12
0.13
0.14
0.14
0.15
0.15
78.5
70.7
65.2
61.7
58.8
56.6
55.4
54.7
53.5
53.3
52.9
52.5
51.5
51.4
51.0
50.8
50.2
49.8
49.7
49.4
48.5
48.1
46.5
46.2
45.3
45.4
44.7
43.5
43.4
42.2
36.2
30.9
24.6
18.4
13.0
6.5
1.6
0.93
0.85
0.77
0.69
0.62
0.56
0.51
0.46
0.43
0.39
0.36
0.34
0.31
0.29
0.27
0.25
0.24
0.22
0.21
0.19
0.18
0.17
0.16
0.15
0.14
0.13
0.12
0.11
0.11
0.10
0.13
0.19
0.26
0.32
0.38
0.43
0.48
–12.3
–22.8
–31.0
–37.2
–42.0
–46.2
–49.5
–52.0
–54.3
–56.4
–58.1
–60.0
–61.6
–63.3
–64.8
–66.6
–68.4
–70.3
–72.4
–74.6
–77.1
–79.3
–82.6
–85.9
–89.5
–93.5
–97.7
–103.0
–108.0
–113.9
172.2
149.5
135.5
126.7
119.4
114.0
109.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com