Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5508 Datasheet(PDF) 1 Page - NEC

Part # 2SC5508
Description  NPN SILICON RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5508 Datasheet(HTML) 1 Page - NEC

  2SC5508 Datasheet HTML 1Page - NEC 2SC5508 Datasheet HTML 2Page - NEC 2SC5508 Datasheet HTML 3Page - NEC 2SC5508 Datasheet HTML 4Page - NEC 2SC5508 Datasheet HTML 5Page - NEC 2SC5508 Datasheet HTML 6Page - NEC 2SC5508 Datasheet HTML 7Page - NEC 2SC5508 Datasheet HTML 8Page - NEC 2SC5508 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
The information in this document is subject to change without notice.
NPN SILICON RF TRANSISTOR
2SC5508
NPN SILICON RF TRANSISTOR
FOR LOW NOISE, HIGH-GAIN AMPLIFICATION
FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
Document No. P13865EJ1V0DS00 (1st edition)
Date Published March 1999 N CP(K)
Printed in Japan
PRELIMINARY DATA SHEET
1999
©
FEATURES
•
Ideal for low-noise, high-gain amplification applications
•
NF = 1.1 dB, Ga = 16 dB TYP. @f = 2 GHz, VCE = 2 V, IC = 5 mA
•
Maximum available power gain: MAG = 19 dB TYP. @f = 2 GHz, VCE = 2 V, IC = 20 mA
•fT = 25 GHz technology
•
Flat-lead 4-pin thin super mini-mold (t = 0.59 mm)
ORDERING INFORMATION
Part Number
Quantity
Packaging Style
2SC5508
Loose product (50 pcs)
2SC5508-T2
Taping product (3 kpcs/reel)
• 8 mm wide emboss taping
• 1 pin (emitter), 2 pin (collector) feed hole direction
Remark To order evaluation samples, consult your NEC sales representative (available in 50-pcs units).
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
15
V
Collector to Emitter Voltage
VCEO
3.3
V
Emitter to Base Voltage
VEBO
1.5
V
Collector Current
IC
35
mA
Total Power Dissipation
Ptot
Note
115
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
–65 to +150
°C
Note TA = +25 °C (free air)
THERMAL RESISTANCE
Item
Symbol
Value
Unit
Junction to Case Resistance
Rth j-c
150
°C/W
Junction to Ambient Resistance
Rth j-a
650
°C/W
Because this product uses high-frequency technology, avoid excessive static electricity, etc.


Similar Part No. - 2SC5508

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5508 RENESAS-2SC5508 Datasheet
229Kb / 10P
NPN SILICON RF TRANSISTOR FOR LOW-NOISE, HIGH-GAIN AMPLIFICATION
2SC5508-A RENESAS-2SC5508-A Datasheet
229Kb / 10P
NPN SILICON RF TRANSISTOR FOR LOW-NOISE, HIGH-GAIN AMPLIFICATION
2SC5508-T2 RENESAS-2SC5508-T2 Datasheet
229Kb / 10P
NPN SILICON RF TRANSISTOR FOR LOW-NOISE, HIGH-GAIN AMPLIFICATION
2SC5508-T2-A RENESAS-2SC5508-T2-A Datasheet
229Kb / 10P
NPN SILICON RF TRANSISTOR FOR LOW-NOISE, HIGH-GAIN AMPLIFICATION
2SC5508-T2B RENESAS-2SC5508-T2B Datasheet
229Kb / 10P
NPN SILICON RF TRANSISTOR FOR LOW-NOISE, HIGH-GAIN AMPLIFICATION
More results

Similar Description - 2SC5508

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5178 NEC-2SC5178 Datasheet
82Kb / 12P
NPN EPITAXIAL SILICON TRANSISTOR IN 4-PIN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5183 NEC-2SC5183 Datasheet
60Kb / 12P
NPN EPITAXIAL SILICON TRANSISTOR IN 4-PIN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5436 NEC-2SC5436 Datasheet
77Kb / 12P
NPN EPITAXIAL SILICON TRANSISTOR ULTRA SUPER MINI MOLD FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
2SC5507 NEC-2SC5507 Datasheet
91Kb / 12P
NPN SILICON RF TRANSISTOR FOR LOW CURRENT, LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
2SC5606 NEC-2SC5606 Datasheet
68Kb / 6P
NPN SILICON RF TRANSISTOR FOR LOW NOISE 쨌 HIGH-GAIN AMPLIFICATION 3-PIN ULTRA SUPER MINIMOLD
NE661M04 NEC-NE661M04 Datasheet
70Kb / 7P
NPN SILICON RF TRANSISTOR FOR LOW CURRENT, LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
2SC5761 NEC-2SC5761 Datasheet
81Kb / 14P
NPN SiGe RF TRANSISTOR FOR LOW NOISE & HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
logo
California Eastern Labs
NESG3031M05-T1-A CEL-NESG3031M05-T1-A Datasheet
673Kb / 9P
NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M05, 2012 PKG)
logo
Renesas Technology Corp
2SC5508 RENESAS-2SC5508 Datasheet
229Kb / 10P
NPN SILICON RF TRANSISTOR FOR LOW-NOISE, HIGH-GAIN AMPLIFICATION
2SC5606 RENESAS-2SC5606 Datasheet
201Kb / 9P
NPN SILICON RF TRANSISTOR FOR LOW NOISE HIGH-GAIN AMPLIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com