Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5508 Datasheet(PDF) 13 Page - NEC

Part # 2SC5508
Description  NPN SILICON RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5508 Datasheet(HTML) 13 Page - NEC

Back Button 2SC5508 Datasheet HTML 8Page - NEC 2SC5508 Datasheet HTML 9Page - NEC 2SC5508 Datasheet HTML 10Page - NEC 2SC5508 Datasheet HTML 11Page - NEC 2SC5508 Datasheet HTML 12Page - NEC 2SC5508 Datasheet HTML 13Page - NEC 2SC5508 Datasheet HTML 14Page - NEC 2SC5508 Datasheet HTML 15Page - NEC 2SC5508 Datasheet HTML 16Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Preliminary Data Sheet P13865EJ1V0DS00
13
2SC5508
SOLDERING CONDITIONS
Solder this product under the following recommended conditions.
For soldering methods and conditions other than those recommended, consult NEC.
Soldering Method(s)
Soldering Conditions
Recommended Conditions Symbol
Infrared reflow
Package peak temperature: 235 °C, Time: 30 sec max. (210 °C min.),
Number of times: twice max., Maximum number of days: None
Note
IR35-00-2
VPS
Package peak temperature: 215 °C, Time: 40 sec max. (200 °C min.),
Number of times: twice max., Maximum number of days: None
Note
VP15-00-2
Wave soldering
Solder bath temperature: 260 °C, Time: 10 sec max., Number of
times: once, Maximum number of days: None
Note
WS60-00-1
Note Number of days in storage after the dry pack has been opened. The storage conditions are at 25 °C,
65% RH MAX.
Caution Do not use two or more soldering methods in combination.
For details of the recommended soldering conditions, refer to information document Semiconductor Device
Mounting Technology Manual (C10535E).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com