Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5508 Datasheet(PDF) 10 Page - NEC

Part # 2SC5508
Description  NPN SILICON RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5508 Datasheet(HTML) 10 Page - NEC

Back Button 2SC5508 Datasheet HTML 6Page - NEC 2SC5508 Datasheet HTML 7Page - NEC 2SC5508 Datasheet HTML 8Page - NEC 2SC5508 Datasheet HTML 9Page - NEC 2SC5508 Datasheet HTML 10Page - NEC 2SC5508 Datasheet HTML 11Page - NEC 2SC5508 Datasheet HTML 12Page - NEC 2SC5508 Datasheet HTML 13Page - NEC 2SC5508 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Preliminary Data Sheet P13865EJ1V0DS00
10
2SC5508
NOISE PARAMETER
<Equal NF circle>
Γopt
1.5 dB
2.0 dB
2.5 dB
3.0
dB
4.0 dB
4.0 dB
3.5 dB
Unstable area
VCE = 2 V
IC = 5 mA
f = 1 GHz
NFmin = 1.0 dB
Γopt
1.5 dB
2.0 dB
2.5 dB
3.0
dB
3.5 dB
Unstable area
VCE = 2 V
IC = 5 mA
f = 2 GHz
NFmin = 1.1 dB
VCE = 2 V, IC = 3 mA
Γopt
f
(GHz)
NFmin
(dB)
Ga
(dB)
MAG.
ANG.
Rn/50
0.8
0.9
1.0
1.5
1.8
1.9
2.0
2.5
0.78
0.80
0.82
0.93
1.00
1.02
1.04
1.15
21.4
20.7
20.0
17.0
15.6
15.2
14.8
13.5
0.26
0.26
0.26
0.23
0.20
0.19
0.19
0.20
31.7
32.7
34.7
57.0
78.0
86.0
94.2
138.3
0.17
0.17
0.17
0.16
0.14
0.14
0.13
0.10
VCE = 2 V, IC = 5 mA
Γopt
f
(GHz)
NFmin
(dB)
Ga
(dB)
MAG.
ANG.
Rn/50
0.8
0.9
1.0
1.5
1.8
1.9
2.0
2.5
0.93
0.94
0.96
1.03
1.07
1.09
1.10
1.17
22.5
21.8
21.1
18.1
16.7
16.3
15.9
14.3
0.12
0.12
0.12
0.09
0.08
0.08
0.08
0.14
28.1
28.8
31.7
71.1
106.2
118.5
130.5
–179.7
0.15
0.15
0.15
0.14
0.13
0.13
0.12
0.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com