Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS71221 Datasheet(PDF) 2 Page - California Eastern Labs

Part # PS71221
Description  6 AND 8 PIN DIP, 200 V BREAK DOWN VOLTAGE 1-CH, 2-CH OPTICAL COUPLED MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS71221 Datasheet(HTML) 2 Page - California Eastern Labs

  PS71221 Datasheet HTML 1Page - California Eastern Labs PS71221 Datasheet HTML 2Page - California Eastern Labs PS71221 Datasheet HTML 3Page - California Eastern Labs PS71221 Datasheet HTML 4Page - California Eastern Labs PS71221 Datasheet HTML 5Page - California Eastern Labs PS71221 Datasheet HTML 6Page - California Eastern Labs PS71221 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SYMBOLS
PARAMETERS
UNITS
RATINGS
PS7122-1A
PS7122-2A
PS7122L-1A
PS7122L-2A
Diode
IF
Forward Current (DC)
mA
50
VR
Reverse Voltage
V
5.0
PD
Power Dissipation
mW/ch
50
IFP
Peak Foward Current2
A1
MOSFET
VL
Break Down Voltage
V
200
IL
Continuous Load Current3
Connection A
mA
200
Connection B
mA
350
–
Connection C
mA
500
–
ILP
Pulse Load Current4
AC/DC Connection
mA
400
PD
Power Dissipation
mW/ch
560
375
COUPLED
BV
Isolation Voltage5
Vr.m.s.
1500
PT
Total Power Dissipation
mW
610
850
TA
Operating Ambient Temp.
°C
-40 to +80
TSTG
Storage Temperature
°C
-40 to +100
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
Notes:
1. Operation in excess of any one of these parameters may
result in permanent damage.
2. PW = 100 µs, Duty Cycle = 1 %
3. Conditions: IF≥ 2 mA. The following types of load connections
are available:
4. PW = 100 ms, 1 shot.
3. AC voltage for 1 minute at TA = 25 °C, RH = 60 % between
input and output.
PS7122-1A,-2A, PS7122L-1A,-2A
SYMBOLS
PARAMETERS
UNITS
MIN
TYP
MAX
IF
LED Operating Current
mA
2
10
20
VF
LED Off Voltage
V
0
0.5
RECOMMENDED OPERATING
CONDITIONS (TA = 25°C)
PART NUMBER
PS7122-1A,-2A, PS7122L-1A,-2A
1
2
3
6
5
4
1
2
3
6
5
4
1
2
3
6
5
4
1
2
3
6
5
4
IL
IL
IL
IL
IL
IL
IL
L
L
L
L
+
+
_
+
_
Connection A
Connection B
Connection C
VL (AC/DC)
VL (DC)
VL (DC)
VL (DC)
PART NUMBER
PACKAGE
PACKING STYLE
PS7122-1A
6-pin DIP
Magazine case 50 pcs
PS7122L-1A
PS7122L-1A-E3
Embossed tape 1000 pcs/reel
PS7122L-1A-E4
PS7122-2A
8-pin DIP
Magazine case 50 pcs
PS7122L-2A
PS7122L-2A-E3
Embossed tape 1000 pcs/reel
PS7122L-2A-E4
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com