Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS71221 Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS71221
Description  6 AND 8 PIN DIP, 200 V BREAK DOWN VOLTAGE 1-CH, 2-CH OPTICAL COUPLED MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS71221 Datasheet(HTML) 1 Page - California Eastern Labs

  PS71221 Datasheet HTML 1Page - California Eastern Labs PS71221 Datasheet HTML 2Page - California Eastern Labs PS71221 Datasheet HTML 3Page - California Eastern Labs PS71221 Datasheet HTML 4Page - California Eastern Labs PS71221 Datasheet HTML 5Page - California Eastern Labs PS71221 Datasheet HTML 6Page - California Eastern Labs PS71221 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
6 AND 8 PIN DIP, 200 V
BREAK DOWN VOLTAGE 1-CH, 2-CH
OPTICAL COUPLED MOSFET
PS7122-1A,-2A
PS7122L-1A,-2A
FEATURES
•1 CHANNEL TYPE:
1a output
•2 CHANNEL TYPE:
1a + 1a output
•
DESIGNED FOR AC/DC SWITCHING LINE CHANGER
•
SMALL PACKAGE:
6 and 8 pin DIP
•
LOW OFFSET VOLTAGE
•
LOW LED OPERATING CURRENT:
IF = 2 mA
•
SURFACE MOUNT AVAILABLE
DESCRIPTION
PS7122-1A,-2A and PS7122L-1A,-2A are solid state relays
containing a GaAs LED on the light emitting side (input side)
and MOSFETs on the output side. They are suitable for analog
signal control because of their low offset and high linearity.
APPLICATIONS
•
EXCHANGE EQUIPMENT
•
MEASUREMENT EQUIPMENT
•FA/OA EQUIPMENT
PART NUMBER
PS7122-1A,-2A, PS7122L-1A,-2A
SYMBOLS
PARAMETERS
UNITS
MIN
TYP
MAX
VF
Forward Voltage, IF = 10 mA
V
1.2
1.4
IR
Reverse Current, VR = 5 V
µA
5.0
ILOFF
Off-State Leakage Current, VD = 200 V
µA
0.03
1.0
Cout
Output Capacitance, VD = 0 V, f = 1 MHz
pF/ch
165
IFon
LED On-state Current, IL = 200 mA
mA
2.0
RON1
On-State Resistance,
IF = 10 mA, IL = 10 mA
Ω
3.0
5.0
RON2
IF = 10 mA, IL = 200 mA, t≤10 ms
tON
Turn-on Time1
ms
0.6
2.0
IF = 10 mA, VL = 5 V, RL = 500 Ω, PW ≥ 10 ms
tOFF
Turn-off Time1
ms
0.06
0.2
IF = 10 mA, VL = 5 V, RL = 500 Ω, PW ≥ 10 ms
RI-O
Isolation Resistance, VI-O = 1.0 kVDC
Ω
109
CI-O
Isolation Capacitance, V = 0 V, f = 1 MHz
pF/ch
1.1
ELECTRICAL CHARACTERISTICS (TA = 25 °C)
PS7122-1A, PS7122L-1A
PS7122-2A, PS7122L-2A
65
4
12
3
87
6
5
12
3
4
Note:
1. Test Circuit for Switching Time
IF
PulseInput
Input monitor
Rin
RL
VO monitor
VL
Input
Output
VC = 5 V
tON
tOFF
50%
0
90%
10%
California Eastern Laboratories


Similar Part No. - PS71221

ManufacturerPart #DatasheetDescription
logo
NEC
PS7122-1A NEC-PS7122-1A Datasheet
81Kb / 12P
6, 8-PIN DIP, 200 V BREAK DOWN VOLTAGE 1-ch, 2-ch Optical Coupled MOS FET
PS7122-2A NEC-PS7122-2A Datasheet
81Kb / 12P
6, 8-PIN DIP, 200 V BREAK DOWN VOLTAGE 1-ch, 2-ch Optical Coupled MOS FET
PS7122-2B NEC-PS7122-2B Datasheet
25Kb / 2P
8 PIN DIP TYPE OPTO-COUPLED SOLID DTATE RELAY
logo
California Eastern Labs
PS7122A-1A CEL-PS7122A-1A Datasheet
209Kb / 14P
Solid State Relay OCMOS FET
logo
Renesas Technology Corp
PS7122A-1A RENESAS-PS7122A-1A Datasheet
324Kb / 16P
Solid State Relay OCMOS FET
2006
More results

Similar Description - PS71221

ManufacturerPart #DatasheetDescription
logo
NEC
PS7122-1A NEC-PS7122-1A Datasheet
81Kb / 12P
6, 8-PIN DIP, 200 V BREAK DOWN VOLTAGE 1-ch, 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7221-2A CEL-PS7221-2A Datasheet
59Kb / 6P
8 PIN SOP 200 V BREAK DOWN VOLTAGE 2-CH OPTICAL COUPLED MOSFET
08/15/2001
PS7160-1A CEL-PS7160-1A Datasheet
350Kb / 11P
6-PIN DIP, 600 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7141-1B CEL-PS7141-1B Datasheet
384Kb / 11P
6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
logo
NEC
PS7122A-1B NEC-PS7122A-1B Datasheet
76Kb / 7P
6, 8 PIN DIP 250 V BREAK DOWN VOLTAGE NORMALLY CLOSED TYPE 1-CH, 2-CH OPTICAL COUPLED MOSFET
PS7221-2A NEC-PS7221-2A_01 Datasheet
60Kb / 6P
8 PIN SOP 200 V BREAK DOWN VOLTAGE 2-CH OPTICAL COUPLED MOSFET
logo
California Eastern Labs
PS7142-1A CEL-PS7142-1A_06 Datasheet
465Kb / 11P
6-PIN DIP 400 V BREAK DOWN VOLTAGE 1-CH OPTICAL COUPLED MOS FET
PS7160-2A CEL-PS7160-2A Datasheet
341Kb / 11P
8-PIN DIP, 600V BREAK DOWN VOLTAGE 2-cH Optical Coupled MOSFET
PS71421B CEL-PS71421B Datasheet
391Kb / 15P
6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
PS7122A-1B CEL-PS7122A-1B Datasheet
381Kb / 15P
6, 8-PIN DIP, 250 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com