Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS71221 Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS71221
Description  6 AND 8 PIN DIP, 200 V BREAK DOWN VOLTAGE 1-CH, 2-CH OPTICAL COUPLED MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS71221 Datasheet(HTML) 5 Page - California Eastern Labs

  PS71221 Datasheet HTML 1Page - California Eastern Labs PS71221 Datasheet HTML 2Page - California Eastern Labs PS71221 Datasheet HTML 3Page - California Eastern Labs PS71221 Datasheet HTML 4Page - California Eastern Labs PS71221 Datasheet HTML 5Page - California Eastern Labs PS71221 Datasheet HTML 6Page - California Eastern Labs PS71221 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
OFF-STATE LEAKAGE CURRENT
vs. APPLIED VOLTAGE
Applied Voltage, VCC (V)
Turn-on Time, tON (ms)
TURN-ON TIME DISTRIBUTION
Forward Current, IF (mA)
TURN-ON TIME VS.
FORWARD CURRENT
LOAD CURRENT vs.
LOAD VOLTAGE
Load Voltage, VL (V)
Forward Current, IF (mA)
TURN-OFF TIME VS.
FORWARD CURRENT
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
PS7122-1A,-2A, PS7122L-1A,-2A
Turn-off Time, tOFF (ms)
TURN-OFF TIME DISTRIBUTION
0
50
100
150
200
250
10
-9
10
-8
10
-7
10
-6
10
-5
10
-10
10
-4
TA = 80
°C
TA = 25
°C
-200
-1.0
-0.5
0.5
1.0
-100
100
200
0
IF = 10 mA
VO = 5 V
25
20
15
10
5
0
515
20
10
25
30
VO = 5 V
0.5
0.4
0.3
0.2
0.1
0
515
20
10
25
30
30
25
15
20
10
5
0
0.5
0.4
0.8
0.6
0.7
n = 50 pcs
IF = 10 mA
VO = 5 V
30
25
15
20
10
5
0
0.04
0.08
n = 50 pcs
IF = 10 mA
VO = 5 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com