Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS71221 Datasheet(PDF) 4 Page - California Eastern Labs

Part # PS71221
Description  6 AND 8 PIN DIP, 200 V BREAK DOWN VOLTAGE 1-CH, 2-CH OPTICAL COUPLED MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS71221 Datasheet(HTML) 4 Page - California Eastern Labs

  PS71221 Datasheet HTML 1Page - California Eastern Labs PS71221 Datasheet HTML 2Page - California Eastern Labs PS71221 Datasheet HTML 3Page - California Eastern Labs PS71221 Datasheet HTML 4Page - California Eastern Labs PS71221 Datasheet HTML 5Page - California Eastern Labs PS71221 Datasheet HTML 6Page - California Eastern Labs PS71221 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MAXIMUM FORWARD CURRENT
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (°C)
Ambient Temperature, TA (°C)
NORMALIZED ON-STATE RESISTANCE
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (°C)
MAXIMUM LOAD CURRENT
vs. AMBIENT TEMPERATURE
On-State Resistance, RON (Ω)
ON-STATE RESISTANCE
DISTRIBUTION
Applied Voltage, VD (V)
Ambient Temperature, TA (°C)
OUTPUT CAPACITANCE
vs. APPLIED VOLTAGE
FORWARD VOLTAGE vs.
AMBIENT TEMPERATURE
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
PS7122-1A,-2A, PS7122L-1A,-2A
100
80
60
40
20
0
025
-25
50
75
80
100
300
250
200
150
100
50
0
025
-25
50
75
80
100
1.6
1.4
1.2
1.0
0.8
025
-25
50
75
100
IF = 50 mA
30 mA
20 mA
10 mA
5 mA
1 mA
250
200
150
100
50
0
20
40
60
80
100
120
f = 1 MHz
Normalized to 1.0
at TA = 25
°C
IF = 10 mA
IL = 10 mA
3.0
2.5
2.0
1.5
1.0
0.5
0.0
-25
025
50
75
100
30
25
15
20
10
5
0
3.0
2.8
2.9
3.1
3.2
n = 50 pcs
IF = 10 mA
IL = 10 mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com