Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS71221 Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS71221
Description  6 AND 8 PIN DIP, 200 V BREAK DOWN VOLTAGE 1-CH, 2-CH OPTICAL COUPLED MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS71221 Datasheet(HTML) 6 Page - California Eastern Labs

  PS71221 Datasheet HTML 1Page - California Eastern Labs PS71221 Datasheet HTML 2Page - California Eastern Labs PS71221 Datasheet HTML 3Page - California Eastern Labs PS71221 Datasheet HTML 4Page - California Eastern Labs PS71221 Datasheet HTML 5Page - California Eastern Labs PS71221 Datasheet HTML 6Page - California Eastern Labs PS71221 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NORMALIZED TURN-ON TIME
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (°C)
NORMALIZED TURN-OFF TIME
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (°C)
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
PS7122-1A,-2A, PS7122L-1A,-2A
TAPING SPECIFICATIONS (Units in mm)
OUTLINE AND DIMENSIONS (REEL)
Notes:
1. Packaging : 1000 pcs/reel
OUTLINE AND DIMENSIONS (TAPE)
TAPING DIRECTION
2.0
± 0.5
φ13.0 ± 0.5
φ21.0 ± 0.8
R 1.0
16.4
+2.0
- 0.0
4.0 ± 0.1
2.0 ± 0.1
1.55 ± 0.1
1.55 ± 0.1
10.4 ± 0.1
4.3 ± 0.2
0.3
12.0 ± 0.1
Normalized to 1.0
at TA = 25
°C
IF = 10 mA
VO = 5 V
3.0
2.5
2.0
1.5
1.0
0.5
0.0
-25
025
50
75
100
Normalized to 1.0
at TA = 25
°C
IF = 10 mA
VO = 5 V
3.0
2.5
2.0
1.5
1.0
0.5
0.0
-25
025
50
75
100
PS7122L-1A-E3
PS7122L-2A-E3
PS7122L-1A-E4
PS7122L-2A-E4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com