Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6747C Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6747C
Description  High current MOSFET driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6747C Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6747C Datasheet HTML 2Page - STMicroelectronics L6747C Datasheet HTML 3Page - STMicroelectronics L6747C Datasheet HTML 4Page - STMicroelectronics L6747C Datasheet HTML 5Page - STMicroelectronics L6747C Datasheet HTML 6Page - STMicroelectronics L6747C Datasheet HTML 7Page - STMicroelectronics L6747C Datasheet HTML 8Page - STMicroelectronics L6747C Datasheet HTML 9Page - STMicroelectronics L6747C Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical specifications
L6747C
6/15
Doc ID 17127 Rev 1
3
Electrical specifications
3.1
Absolute maximum ratings
Table 4.
Absolute maximum ratings
3.2
Electrical characteristics
VCC = 12 V±15%, TJ = 0 °C to 70 °C unless otherwise specified.
Symbol
Parameter
Value
Unit
VCC
to GND
-0.3 to 20
V
VBOOT
to GND
to GND, t < 200 ns
to PHASE
-0.3 to 41
-0.3 to 44
-0.3 to 15
V
VUGATE
t < 200 ns
PHASE -0.3 to BOOT +0.3
PHASE -1 to BOOT +0.3
V
VPHASE
to GND
to GND; t < 200 ns, VCC = 12V
-8 to 26
-8 to 30
V
VLGATE
to GND
to GND, t < 200 ns
-0.3 to VCC + 0.3
-1.5 to VCC + 0.3
V
VPWM, VEN
to GND
-0.3 to 7
V
Table 5.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Supply current and power-on
ICC
VCC supply current
UGATE = LGATE = OPEN;
BOOT = 12V; EN = 1; PWM = 1
1.5
2.0
mA
UGATE = LGATE = OPEN;
BOOT = 12V; EN = 1; PWM = 0
2.7
3.5
mA
UGATE = LGATE = OPEN;
BOOT = 12V; EN = 0
1.0
1.5
mA
IBOOT
BOOT supply current
UGATE = OPEN; PHASE = GND;
BOOT = 12V; EN = 1; PWM = 1
2.3
3.3
mA
UGATE = OPEN; PHASE = GND;
BOOT = 12V; EN = 1; PWM = 0
2.0
3.0
mA
UGATE = OPEN; PHASE = GND;
BOOT = 12V; EN = 0
1.3
2.3
mA
UVLOVCC
VCC turn-ON
VCC rising
4.1
V
VCC turn-OFF
VCC falling
3.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com