Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6747C Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6747C
Description  High current MOSFET driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6747C Datasheet(HTML) 1 Page - STMicroelectronics

  L6747C Datasheet HTML 1Page - STMicroelectronics L6747C Datasheet HTML 2Page - STMicroelectronics L6747C Datasheet HTML 3Page - STMicroelectronics L6747C Datasheet HTML 4Page - STMicroelectronics L6747C Datasheet HTML 5Page - STMicroelectronics L6747C Datasheet HTML 6Page - STMicroelectronics L6747C Datasheet HTML 7Page - STMicroelectronics L6747C Datasheet HTML 8Page - STMicroelectronics L6747C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
April 2010
Doc ID 17127 Rev 1
1/15
15
L6747C
High current MOSFET driver
Features
■ Dual MOSFET driver for synchronous rectified
converters
■ High driving current for fast external MOSFET
switching
■ High frequency operation
■ Enable pin
■ Adaptive dead-time management
■ Flexible gate-drive: 5 V to 12 V compatible
■ High-impedance (HiZ) management for output
stage shutdown
■ Preliminary overvoltage (OV) protection
■ VFDFPN8 3x3 mm package
Applications
■ High current VRM / VRD for desktop / server /
workstation CPUs
■ High current and high efficiency DC-DC
converters
Description
The L6747C is a flexible, high-frequency dual-
driver specifically designed to drive N-channel
MOSFETs connected in synchronous-rectified
buck topology.
Combined with ST PWM controllers, the driver
allows the implementation of complete voltage
regulator solutions for modern high-current CPUs
and for DC-DC conversion in general.
The L6747C embeds high-current drivers for both
high-side and low-side MOSFETS. The device
accepts a flexible power supply of 5 V to 12 V.
This allows optimization of the high-side and low-
side gate-drive voltage to maximize system
efficiency.
Anti shoot-through management prevents the
high-side and low-side MOSFETs from
conducting simultaneously and, combined with
adaptive dead-time control, minimizes the LS
body diode conduction time.
The L6747C features preliminary OV protection to
protect the load from dangerous overvoltage due
to MOSFET failures at startup.
The driver is available in a VFDFPN8 3x3 mm
package.
VFDFPN8 3x3 mm
Table 1.
Device summary
Order codes
Package
Packing
L6747C
VFDFPN8
Tube
L6747CTR
VFDFPN8
Tape and reel
www.st.com


Similar Part No. - L6747C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6747A STMICROELECTRONICS-L6747A Datasheet
415Kb / 15P
High current MOSFET driver
24-Mar-2010
L6747ATR STMICROELECTRONICS-L6747ATR Datasheet
415Kb / 15P
High current MOSFET driver
24-Mar-2010
More results

Similar Description - L6747C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HV400MJ INTERSIL-HV400MJ Datasheet
131Kb / 11P
High Current MOSFET Driver
August 1997
logo
STMicroelectronics
L6743 STMICROELECTRONICS-L6743 Datasheet
317Kb / 17P
High current MOSFET driver
20-Aug-2007
L6741 STMICROELECTRONICS-L6741 Datasheet
301Kb / 16P
High current MOSFET driver
20-Aug-2007
L6743B STMICROELECTRONICS-L6743B Datasheet
246Kb / 16P
High current MOSFET driver
17-Jun-2008
L6743 STMICROELECTRONICS-L6743_08 Datasheet
354Kb / 17P
High current MOSFET driver
05-Jun-2008
logo
Harris Corporation
HV400 HARRIS-HV400 Datasheet
3Mb / 10P
High Current MOSFET Driver
HV400-MJ HARRIS-HV400-MJ Datasheet
3Mb / 10P
High Current MOSFET Driver
logo
STMicroelectronics
L6743D STMICROELECTRONICS-L6743D Datasheet
423Kb / 16P
High current MOSFET driver
09-Dec-2008
L6747ATR STMICROELECTRONICS-L6747ATR Datasheet
415Kb / 15P
High current MOSFET driver
24-Mar-2010
logo
ON Semiconductor
NCX57090Y ONSEMI-NCX57090Y_V01 Datasheet
1Mb / 25P
Isolated High Current IGBT/MOSFET Gate Driver
July, 2022 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com