Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6747C Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6747C
Description  High current MOSFET driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6747C Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6747C Datasheet HTML 6Page - STMicroelectronics L6747C Datasheet HTML 7Page - STMicroelectronics L6747C Datasheet HTML 8Page - STMicroelectronics L6747C Datasheet HTML 9Page - STMicroelectronics L6747C Datasheet HTML 10Page - STMicroelectronics L6747C Datasheet HTML 11Page - STMicroelectronics L6747C Datasheet HTML 12Page - STMicroelectronics L6747C Datasheet HTML 13Page - STMicroelectronics L6747C Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Device description and operation
L6747C
10/15
Doc ID 17127 Rev 1
To prevent the bootstrap capacitor from overcharging as a consequence of large negative
spikes, an external series RBOOT resistor (in the range of few ohms) may be required in
series with the BOOT pin.
Figure 5.
Bootstrap capacitance design
4.4
Power dissipation
The L6747C embeds high current drivers for both high-side and low-side MOSFETs. It is
therefore important to consider the power that the device is going to dissipate in driving
them in order to avoid exceeding the maximum junction operating temperature.
Two main factors contribute to device power dissipation: bias power and driver power.
●
Device power (PDC) depends on the static consumption of the device through the
supply pins and is easily quantifiable as follows:
●
Driver power is the power needed by the driver to continuously switch the external
MOSFETs ON and OFF. It is a function of the switching frequency and total gate
charge of the selected MOSFETs. It can be quantified considering that the total power
PSW dissipated to switch the MOSFETs is influenced by three main factors: external
gate resistance (when present), intrinsic MOSFET resistance, and intrinsic driver
resistance. This last factor is the important one to be determined to calculate the device
power dissipation.
The total power dissipated to switch the MOSFETs is:
When designing an application based on the L6747C it is recommended to take into
consideration the effect of external gate resistors on the power dissipated by the driver.
External gate resistors help the device to dissipate the switching power since the same
power PSW is shared between the internal driver impedance and the external resistor,
resulting in a general cooling of the device.
Referring to Figure 6, a classic MOSFET driver can be represented by a push-pull output
stage with two different MOSFETs: a P-MOSFET to drive the external gate high, and an N-
MOSFET to drive the external gate low (with their own RDS(on): Rhi_HS, Rlo_HS, Rhi_LS,
Rlo_LS). The external power MOSFET can be represented in this case as a capacitance
(CG_HS, CG_LS) that stores the gate-charge (QG_HS, QG_LS) required by the external power
0.0
0.5
1.0
1.5
2.0
2.5
0
10203040
5060708090
100
High-Side MOSFET Gate Charge [nC]
Cboot = 47nF
Cboot = 100nF
Cboot = 220nF
Cboot = 330nF
Cboot = 470nF
0
500
1000
1500
2000
2500
0.0
0.2
0.4
0.6
0.8
1.0
Boot Cap Delta Voltage [V]
Qg = 10nC
Qg = 25nC
Qg = 50nC
Qg = 100nC
P
DC
V
CC
I
CC
V
PVCC
I
PVCC
⋅
+
⋅
=
P
SW
F
SW
Q
GHS
PVCC
⋅
Q
GLS
VCC
⋅
+
()
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com