Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6747C Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6747C
Description  High current MOSFET driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6747C Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6747C Datasheet HTML 4Page - STMicroelectronics L6747C Datasheet HTML 5Page - STMicroelectronics L6747C Datasheet HTML 6Page - STMicroelectronics L6747C Datasheet HTML 7Page - STMicroelectronics L6747C Datasheet HTML 8Page - STMicroelectronics L6747C Datasheet HTML 9Page - STMicroelectronics L6747C Datasheet HTML 10Page - STMicroelectronics L6747C Datasheet HTML 11Page - STMicroelectronics L6747C Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Device description and operation
L6747C
8/15
Doc ID 17127 Rev 1
4
Device description and operation
The L6747C provides high-current driving control for both high-side and low-side N-channel
MOSFETs, connected as step-down DC-DC converters and driven by an external PWM
signal. The integrated high-current drivers allow the use of different types of power
MOSFETs (also multiple MOS to reduce the equivalent RDS(on)), maintaining fast switching
transition. The driver for the high-side MOSFET uses the BOOT pin for supply and the
PHASE pin for return. The driver for the low-side MOSFET uses the VCC pin for supply and
the PGND pin for return.
The driver includes anti-shoot-through and adaptive dead-time control to minimize low-side
body diode conduction time, maintaining good efficiency and eliminating the need for
Schottky diodes. When the high-side MOSFET turns off, the voltage on its source begins to
fall; when the voltage falls below the proper threshold, the low-side MOSFET gate drive
voltage is suddenly applied. When the low-side MOSFET turns off, the voltage at the LGATE
pin is sensed. When it drops below the proper threshold, the high-side MOSFET gate drive
voltage is suddenly applied. If the current flowing in the inductor is negative, the source of
the high-side MOSFET never drops. To allow the low-side MOSFET to turn on even in this
case, a watchdog controller is enabled. If the source of the high-side MOSFET does not
drop, the low-side MOSFET is switched on, allowing the negative current of the inductor to
recirculate. This mechanism allows the system to regulate even if the current is negative.
Before VCC goes above the UVLO threshold, the L6747C keeps both the high-side and low-
side MOSFETS firmly OFF. Then, after the UVLO has been crossed, the EN and PWM
inputs take control over the driver’s operations.
The EN pin enables the driver. If low, it keeps all MOSFETs OFF (HiZ) regardless of the
status of PWM. When EN is high, the PWM input takes control. If externally set within the
HiZ window, the driver enters an HiZ state and both MOSFETS are kept in an OFF state
until PWM exits the HiZ window (see Figure 4).
After the UVLO threshold has been crossed and while in HiZ, the preliminary OV protection
is activated. If the voltage sensed through the PHASE pin goes above about 1.8 V, the low-
side MOSFET is latched ON in order to protect the load from dangerous overvoltage. The
driver status is reset from a PWM transition.
Driver power supply, as well as power conversion input, are flexible: 5 V and 12 V can be
chosen for high-side and low-side MOSFET voltage drive.
Figure 4.
Timing diagram (EN = High)
thold-off
HiZ Window
PWM
HS Gate
LS Gate
HiZ Window
thold-off
V
PWM_IH
V
PWM_IL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com