Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6747C Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6747C
Description  High current MOSFET driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6747C Datasheet(HTML) 5 Page - STMicroelectronics

  L6747C Datasheet HTML 1Page - STMicroelectronics L6747C Datasheet HTML 2Page - STMicroelectronics L6747C Datasheet HTML 3Page - STMicroelectronics L6747C Datasheet HTML 4Page - STMicroelectronics L6747C Datasheet HTML 5Page - STMicroelectronics L6747C Datasheet HTML 6Page - STMicroelectronics L6747C Datasheet HTML 7Page - STMicroelectronics L6747C Datasheet HTML 8Page - STMicroelectronics L6747C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
L6747C
Pin information and thermal data
Doc ID 17127 Rev 1
5/15
2.2
Thermal data
Table 3.
Thermal data
8UGATE
High-side driver output.
Connect to high-side MOSFET gate. A small series resistor may be used to
control the PHASE pin negative spike.
-TH. PAD
Thermal pad connects the silicon substrate and makes good thermal contact
with the PCB. Connect to the PGND plane.
Table 2.
Pin descriptions (continued)
Pin #
Name
Function
Symbol
Parameter
Value
Unit
RTHJA
Thermal resistance junction-to-ambient
(device soldered on 2s2p, 67mm x 69mm board)
45
°C/W
RTHJC
Thermal resistance junction-to-case
5
°C/W
TMAX
Maximum junction temperature
150
°C
TSTG
Storage temperature range
0 to 150
°C
TJ
Junction temperature range
0 to 125
°C
PTOT
Maximum power dissipation at 25°C
(device soldered on 2s2p,67mm x 69mm board)
2.25
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com