Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5528 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5528
Description  High-Performance 500mA LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5528 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5528 Datasheet HTML 1Page - Micrel Semiconductor MIC5528 Datasheet HTML 2Page - Micrel Semiconductor MIC5528 Datasheet HTML 3Page - Micrel Semiconductor MIC5528 Datasheet HTML 4Page - Micrel Semiconductor MIC5528 Datasheet HTML 5Page - Micrel Semiconductor MIC5528 Datasheet HTML 6Page - Micrel Semiconductor MIC5528 Datasheet HTML 7Page - Micrel Semiconductor MIC5528 Datasheet HTML 8Page - Micrel Semiconductor MIC5528 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Micrel, Inc.
MIC5528
Typical Characteristics (Continued)
300
350
400
450
500
550
600
650
700
750
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
Current Limit
vs. Supply Voltage
V
OUT = 3.3V
C
IN = COUT = 2.2µF
0.001
0.01
0.1
1
10
FREQUENCY (Hz)
Output Noise Spectral Density
(MIC5528-3.3YMT)
V
IN = VEN1= 4.5V
C
OUT = 2.2µF
V
OUT = 3.3V
10
100
1K
10K
100K
1M
10M
May 5, 2014
5
Revision 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com