Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5528 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5528
Description  High-Performance 500mA LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5528 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5528 Datasheet HTML 1Page - Micrel Semiconductor MIC5528 Datasheet HTML 2Page - Micrel Semiconductor MIC5528 Datasheet HTML 3Page - Micrel Semiconductor MIC5528 Datasheet HTML 4Page - Micrel Semiconductor MIC5528 Datasheet HTML 5Page - Micrel Semiconductor MIC5528 Datasheet HTML 6Page - Micrel Semiconductor MIC5528 Datasheet HTML 7Page - Micrel Semiconductor MIC5528 Datasheet HTML 8Page - Micrel Semiconductor MIC5528 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Micrel, Inc.
MIC5528
Typical Characteristics
0
20
40
60
80
100
120
140
160
180
200
220
240
260
0
50 100 150 200 250 300 350 400 450 500
OUTPUT CURRENT (mA)
Dropout Voltage vs.
Output Current
V
OUT = 3.3V
C
IN = COUT = 2.2µF
0
50
100
150
200
250
300
350
-40
-20
0
20
40
60
80
TEMPERATURE (°C)
Dropout Voltage
vs.Temperature
50mA
300mA
500mA
V
OUT = 3.3V
C
IN = COUT = 2.2µF
20
25
30
35
40
45
50
55
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
Ground Current
vs. Supply Voltage
500mA
100µA
V
EN = VIN
V
OUT = 3.3V
C
IN = COUT = 2.2µF
36
37
38
39
40
41
42
43
44
45
46
0
50
100 150 200 250 300 350 400 450 500
LOAD CURRENT (mA)
Ground Current
vs. Load Current
V
IN = VEN = VOUT + 1
V
OUT = 3.3V
C
IN = COUT = 2.2µF
30
32
34
36
38
40
42
44
46
48
50
-40
-20
0
20
40
60
80
TEMPERATURE (°C)
Ground Current
vs. Temperature
100µA
300mA
500mA
V
IN = VEN = VOUT + 1V
V
OUT = 3.3V
C
IN = COUT = 2.2µF
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3.45
3.50
0
100
200
300
400
500
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
V
IN = VEN = VOUT+ 1V
V
OUT = 3.3V
C
IN = COUT = 2.2µF
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
Output Voltage
vs.Supply Voltage
V
IN = VEN = VOUT + 1
V
OUT = 3.3V
C
IN = COUT = 2.2µF
500mA
300mA
50mA
3.2
3.25
3.3
3.35
3.4
3.45
3.5
-40
-20
0
20
40
60
80
TEMPERATURE (°C)
Output Voltage
vs.Temperature
300mA
VIN = VOUT + 1V
VOUT = 3.3V
CIN =COUT = 2.2µF
May 5, 2014
4
Revision 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com