Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5528 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC5528
Description  High-Performance 500mA LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5528 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC5528 Datasheet HTML 6Page - Micrel Semiconductor MIC5528 Datasheet HTML 7Page - Micrel Semiconductor MIC5528 Datasheet HTML 8Page - Micrel Semiconductor MIC5528 Datasheet HTML 9Page - Micrel Semiconductor MIC5528 Datasheet HTML 10Page - Micrel Semiconductor MIC5528 Datasheet HTML 11Page - Micrel Semiconductor MIC5528 Datasheet HTML 12Page - Micrel Semiconductor MIC5528 Datasheet HTML 13Page - Micrel Semiconductor MIC5528 Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Micrel, Inc.
MIC5528
Typical Application Schematic
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1, C2
GRM188R71A225KE15D
Murata
(13)
Capacitor, 2.2µF Ceramic, 10V, X5R, Size 0603
2
U1
MIC5528-xxYMT
Micrel, Inc
.(14)
High-Performance 500mA LDO in Thin and Extra Thin
DFN Packages
1
MIC5528-xxYMX
Notes:
13. Murata: www.murata.com.
14. Micrel, Inc.: www.micrel.com.
May 5, 2014
10
Revision 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com