Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5528 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5528
Description  High-Performance 500mA LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5528 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5528 Datasheet HTML 1Page - Micrel Semiconductor MIC5528 Datasheet HTML 2Page - Micrel Semiconductor MIC5528 Datasheet HTML 3Page - Micrel Semiconductor MIC5528 Datasheet HTML 4Page - Micrel Semiconductor MIC5528 Datasheet HTML 5Page - Micrel Semiconductor MIC5528 Datasheet HTML 6Page - Micrel Semiconductor MIC5528 Datasheet HTML 7Page - Micrel Semiconductor MIC5528 Datasheet HTML 8Page - Micrel Semiconductor MIC5528 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Micrel, Inc.
MIC5528
Ordering Information
Part Number
Marking
Code
Output
Voltage
(1)
Auto-
Discharge
EN
Pulldown
Temperature
Range
Package
(2, 3, 4)
MIC5528-3.3YMT
CF
3.3V
YES
YES
–40°C to +125°C
6-Pin 1.2mm × 1.2mm TDFN
MIC5528-2.8YMX
CI
2.8V
YES
YES
–40°C to +125°C
6-Pin 1.2mm × 1.2mm XTDFN
MIC5528-3.3YMX
CF
3.3V
YES
YES
–40°C to +125°C
6-Pin 1.2mm × 1.2mm XTDFN
Notes:
1.
Other voltages available. Contact Micrel for details.
2.
Thin DFN
▲ = Pin 1 identifier.
3.
Extra Thin DFN
▼ = Pin 1 identifier.
4.
Extra Thin and Thin DFN are GREEN, RoHS-compliant packages. Lead finish is NiPdAu. Mold compound is Halogen Free.
Pin Configuration
6-Pin 1.2mm × 1.2mm Thin DFN (MT)
(Top View)
6-Pin 1.2mm × 1.2mm Extra Thin DFN (MX)
(Top View)
Pin Description
Pin Number
Pin Name
XTDFN-6
Pin Function
1, 2
VOUT
Output Voltage. When disabled the MIC5528 switches in an internal 25Ω load to discharge the
external capacitors.
3
GND
Ground.
4
EN
Enable Input: Active High. High = ON; Low = OFF. The MIC5528 has an internal pulldown and
this pin can be left floating.
5
NC
No Connection.
6
VIN
Supply Input.
EP
ePad
Exposed Heatsink Pad. Connect to GND for best thermal performance.
May 5, 2014
2
Revision 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com